Electronic Components Datasheet Search
  English  ▼

X  

MABACT0048 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0048
Description  2:1 Flux Coupled Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0048 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABACT0048_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0048_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0048_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0048_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Rev. V1
MABACT0048
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
2:1 Flux Coupled Transformer
5-200MHz
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
5 - 65 MHz
dB
-
0.25
0.4
Insertion Loss
65 - 200 MHz
dB
-
0.4
0.9
Amplitude Unbalance
(Nominal 0dB)
5 - 65 MHz
dB
-
±0.02
± 0.15
Phase Unbalance
(Nominal 180º)
5 - 50 MHz
º
-
±0.00
± 2.00
Input Return Loss
5 - 10 MHz
dB
15
20
-
Input Return Loss
10 - 200 MHz
dB
18
22
-
Recommended Maximum Ratings
1,2
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM Technology Solutions does not recommend sus-
tained operation near these survivability limits.
Parameter
Value
Max Input Power
250mW
DC current
30mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +100°C
Electrical Specifications: TA = 25°C, Z0 = 75Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com