Electronic Components Datasheet Search
  English  ▼

X  

MABACT0071 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0071
Description  1:1 flux coupled Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0071 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABACT0071_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0071_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0071_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0071_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
1:1 flux coupled Transformer
3 MHz - 200 MHz
Rev. V3
MABACT0071
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Phase Balance
Electrical Specifications: Z0 = 75Ω, TA = 25°C, Pin = 0dBm
Insertion Loss: (pin5 - pin3)
Amplitude Balance
Insertion Loss: (pin5 - pin1)
Return Loss: Input (pin5)
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
3
23
42
62
82
102
121
141
161
180
200
Frequency (MHz)
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
3
23
42
62
82
102
121
141
161
180
200
Frequency (MHz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
3
23
42
62
82
102
121
141
161
180
200
Frequency (MHz)
175
176
177
178
179
180
181
182
183
184
185
3
23
42
62
82
102
121
141
161
180
200
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
3
23
42
62
82
102
121
141
161
180
200
Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com