Electronic Components Datasheet Search
  English  ▼

X  

LT1949 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1949
Description  600kHz, 1A Switch PWM DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1949 Datasheet(HTML) 6 Page - Linear Technology

  LT1949 Datasheet HTML 1Page - Linear Technology LT1949 Datasheet HTML 2Page - Linear Technology LT1949 Datasheet HTML 3Page - Linear Technology LT1949 Datasheet HTML 4Page - Linear Technology LT1949 Datasheet HTML 5Page - Linear Technology LT1949 Datasheet HTML 6Page - Linear Technology LT1949 Datasheet HTML 7Page - Linear Technology LT1949 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1949
APPLICATIONS INFORMATION
Low-Battery Detector
The LT1949’s low-battery detector is a simple PNP input
gain stage with an open collector NPN output. The nega-
tive input of the gain stage is tied internally to a 200mV
±5% reference. The positive input is the LBI pin. Arrange-
ment as a low-battery detector is straightforward.
Figure 5 details hookup. R1 and R2 need only be low
enough in value so that the bias current of the LBI pin
doesn’t cause large errors. For R2, 100k is adequate. The
200mV reference can also be accessed as shown in
Figure 6. The low-battery detector remains active in
shutdown.
1
2
8
7
3
4
6
5
L1
C2
LBO
LBI
LT1949
VOUT
VIN
GND
SHUTDOWN
R1
R2
MULTIPLE
VIAs
GROUND PLANE
1949 F04
C1
+
Figure 4. Recommended Component Placement for Boost
Converter. Note Direct High Current Paths Using Wide PC
Traces. Minimize Trace Area at Pin 1 (VC) and Pin 2 (FB).
Use Multiple Vias to Tie Pin 4 Copper to Ground Plane. Use
Vias at One Location Only to Avoid Introducing Switching
Currents into the Ground Plane
LBO
LBI
TO PROCESSOR
R1
1M
R2
100k
VIN
LT1949
1949 F05
3.3V
GND
200mV
INTERNAL
REFERENCE
–
+
R1 =
VLB – 200mV
2
µA
Figure 5. Setting Low-Battery Detector Trip Point
VIN
LT1949
LBI
LBO
200k
10
µF
GND
10k
1949 F06
2N3906
VREF
200mV
+
Figure 6. Accessing 200mV Reference
OPERATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com