Electronic Components Datasheet Search
  English  ▼

X  

MSK5231 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5231
Description  Hermetic Surface Mount Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5231 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5231 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5231 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5231 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5231 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5231 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Hermetic Surface Mount Package
Low Dropout Voltage: 1.5V @ 2 Amps
Adjustable Output Voltage
On Board Thermal Overload Protection
Short Circuit Current Limiting
Output Current to 3 Amps
DESCRIPTION:
The MSK 5231 voltage regulator is a positive adjustable regulator that with proper heatsinking, can provide 3 Amps
of output current. Low dropout and impressive thermal characteristics help to improve efficiency and lower power
dissipation. An accurate reference voltage allows for precise output adjustment. The MSK 5231 is packaged in a
hermetic, space efficient 3 pin power surface mount ceramic package.
EQUIVALENT SCHEMATIC
5231
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, High Current Linear Regulators
Constant Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Chargers
VIN
Adjust
VOUT
1
2
3
1
MIL-PRF-38534 QUALIFIED
POSITIVE ADJUSTABLE, LOW DROPOUT
SURFACE MOUNT
VOLTAGE REGULATORS
8548-21 Rev. A 2/12


Similar Part No. - MSK5231

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5231 MSK-MSK5231 Datasheet
187Kb / 5P
POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5231 ANAREN-MSK5231 Datasheet
123Kb / 5P
POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5231E MSK-MSK5231E Datasheet
187Kb / 5P
POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5231H MSK-MSK5231H Datasheet
187Kb / 5P
POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5231H ANAREN-MSK5231H Datasheet
123Kb / 5P
POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results

Similar Description - MSK5231

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5215-17 MSK-MSK5215-17 Datasheet
115Kb / 5P
Hermetic Surface Mount Package
MSK5215-18 MSK-MSK5215-18 Datasheet
115Kb / 5P
Hermetic Surface Mount Package
MSK5215-19 MSK-MSK5215-19 Datasheet
115Kb / 5P
Hermetic Surface Mount Package
MSK5230-15 MSK-MSK5230-15 Datasheet
732Kb / 6P
Hermetic Surface Mount Package
MSK5230-18 MSK-MSK5230-18 Datasheet
732Kb / 6P
Hermetic Surface Mount Package
MSK5275-15 MSK-MSK5275-15 Datasheet
115Kb / 5P
Hermetic Surface Mount Package
MSK5275-17 MSK-MSK5275-17 Datasheet
115Kb / 5P
Hermetic Surface Mount Package
MSK5275-20 MSK-MSK5275-20 Datasheet
115Kb / 5P
Hermetic Surface Mount Package
MSK5275-25 MSK-MSK5275-25 Datasheet
115Kb / 5P
Hermetic Surface Mount Package
MSK5275-33 MSK-MSK5275-33 Datasheet
115Kb / 5P
Hermetic Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com