Electronic Components Datasheet Search
  English  ▼

X  

LTC1382 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1382
Description  5V Low Power RS232 Transceiver with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1382 Datasheet(HTML) 4 Page - Linear Technology

  LTC1382 Datasheet HTML 1Page - Linear Technology LTC1382 Datasheet HTML 2Page - Linear Technology LTC1382 Datasheet HTML 3Page - Linear Technology LTC1382 Datasheet HTML 4Page - Linear Technology LTC1382 Datasheet HTML 5Page - Linear Technology LTC1382 Datasheet HTML 6Page - Linear Technology LTC1382 Datasheet HTML 7Page - Linear Technology LTC1382 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1382
1382fa
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
0
0
2
6
8
10
40
18
LTC1382 • TPC04
4
20
10
50
30
60
70
12
14
16
2 DRIVERS LOADED
RL = 3k
1 DRIVER LOADED
RL = 3k
VCC Supply Current
vs Temperature
Receiver Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
0
10
30
20
40
LTC1382 • TPC06
20
10
ISC
+
ISC
–
50
30
60
70
40
50
Driver Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
0
0
2
6
8
10
40
18
LTC1382 • TPC05
4
20
10
50
30
60
70
12
14
16
ISC
–
ISC
+
Driver Leakage in Shutdown
vs Temperature
TEMPERATURE (°C)
0
60
45
40
35
30
25
20
15
10
5
0
LTC1349 • TPC05
20
70
10
30
40
50
VOUT = –20V
VOUT = 20V
Driver Output Waveforms
Receiver Output Waveforms
INPUT
INPUT
LTC1382 • TPC08
LTC1382 • TPC09
RECEIVER
OUTPUT
CL = 51pF
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
DRIVER
OUTPUT
RL = 3k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com