| Electronic Components Datasheet Search |
|
LTC1383 Datasheet(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1383 Datasheet(HTML) 4 Page - Linear Technology |
|
4 / 8 page ![]() 4 LTC1383 1383fa TYPICAL PERFOR A CE CHARACTERISTICS VCC Supply Current vs Temperature TEMPERATURE (°C) 0 0 2 6 8 10 40 18 LTC1383 • TPC04 4 20 10 50 30 60 70 12 14 16 2 DRIVERS LOADED RL = 3k 1 DRIVER LOADED RL = 3k Driver Output Waveforms Receiver Output Waveforms INPUT LTC1383 • TPC05 RECEIVER OUTPUT CL = 51pF INPUT LTC1383 • TPC06 VCC: 5V Input Supply Pin. This pin should be decoupled with a 0.1µF ceramic capacitor. GND: Ground Pin. V+: Positive Supply Output (RS232 Drivers). V+ ≅ 2VCC – 2V. This pin requires an external capacitor C = 0.1µF for charge storage. The capacitor may be tied to ground or VCC. With multiple devices, the V + and V – pins may share a common capacitor. For large numbers of devices, in- creasing the size of the shared common storage capaci- tors is recommended to reduce ripple. V–: Negative Supply Output (RS232 Drivers). V – ≅ – (2VCC – 2V). This pin requires an external capacitor C = 0.1µF for charge storage. C1+, C1–, C2+, C2–: Commutating Capacitor Inputs. These pins require two external capacitors C = 0.1µF: one from C1+ to C1– and another from C2+ to C2 –. To maintain charge pump efficiency, the capacitor’s effective series resistance should be less than 2Ω. TR IN: RS232 Driver Input Pins. Inputs are TTL/CMOS compatible. The inputs of unused drivers can be left unconnected since 300k input pull-up resistors to VCC are included on chip. TR OUT: Driver Outputs at RS232 Voltage Levels. The driver outputs are protected against ESD to ±10kV for human body model discharges. RX IN: Receiver Inputs. These pins can be forced to ±25V without damage. The receiver inputs are protected against ESD to ±10kV for human body model discharges. Each receiver provides 0.4V of hysteresis for noise immunity. RX OUT: Receiver Outputs with TTL/CMOS Voltage Levels. DRIVER OUTPUT RL = 3k CL = 2500pF DRIVER OUTPUT RL = 3k 5µs/DIV 5µs/DIV PI FU CTIO S |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |