Electronic Components Datasheet Search
  English  ▼

X  

LTC1426 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1426
Description  Micropower Dual 6-Bit PWM DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1426 Datasheet(HTML) 4 Page - Linear Technology

  LTC1426 Datasheet HTML 1Page - Linear Technology LTC1426 Datasheet HTML 2Page - Linear Technology LTC1426 Datasheet HTML 3Page - Linear Technology LTC1426 Datasheet HTML 4Page - Linear Technology LTC1426 Datasheet HTML 5Page - Linear Technology LTC1426 Datasheet HTML 6Page - Linear Technology LTC1426 Datasheet HTML 7Page - Linear Technology LTC1426 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1426
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–40
0
100
200
300
400
500
600
–15
10
35
60
1426 G04
85
VCC = 3V
VCC = 5V
TEMPERATURE (
°C)
–40
0
10
20
30
40
50
60
–15
10
35
60
1426 G06
85
PUSHBUTTON
MODE
PULSE
MODE
VCC = 5V
Supply Current vs Temperature
LOGIC INPUT VOLTAGE (V)
0
38.5
36.5
34.5
32.5
30.5
28.5
26.5
24.5
22.5
4
1426 F05
1
2
3
5
PULSE
MODE
PUSHBUTTON
MODE
TA = 25°C
CLK1 AND CLK2
TIED TOGETHER
Supply Current
vs Logic Input Voltage
PIN FUNCTIONS
span. Bypass VREF to GND with an external capacitor to
minimize output errors. VREF can be tied to VCC if desired.
VCC (Pin 7): Voltage Supply. This supply must be kept free
from noise and ripple by bypassing directly to the ground
plane.
SHDN (Pin 8): Shutdown. A logic low puts the chip into
shutdown mode with the PWM outputs in high imped-
ance. The digital settings for the DACs are retained in
shutdown.
CLK1 (Pin 1): Channel 1 Clock/Pushbutton Input.
CLK2 (Pin 2): Channel 2 Clock/Pushbutton Input.
GND (Pin 3): Ground. It is recommended that GND be tied
to a ground plane.
PWM1 (Pin 4): Channel 1 PWM Output.
PWM2 (Pin 5): Channel 2 PWM Output.
VREF (Pin 6): Voltage Reference Input. VREF powers the
DAC output buffers and can be used to control the output
CLK1
CLK2
tCKL0
1426 TC01
tCKHI
1426 TC02
CLK1
CLK2
tPW
Pushbutton Mode Timing
Pulse Mode Timing
TI I G DIAGRA S
Minimum Clock High Time
vs Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com