Electronic Components Datasheet Search
  English  ▼

X  

LTC1448 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1448
Description  Dual 12-Bit Rail-to-Rail Micropower DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1448 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1448 Datasheet HTML 2Page - Linear Technology LTC1448 Datasheet HTML 3Page - Linear Technology LTC1448 Datasheet HTML 4Page - Linear Technology LTC1448 Datasheet HTML 5Page - Linear Technology LTC1448 Datasheet HTML 6Page - Linear Technology LTC1448 Datasheet HTML 7Page - Linear Technology LTC1448 Datasheet HTML 8Page - Linear Technology LTC1448 Datasheet HTML 9Page - Linear Technology LTC1448 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1448
DEFI ITIO S
OPERATIO
Differential Nonlinearity (DNL): The differerence
between the measured change and the ideal 1LSB change
for any two adjacent codes. The DNL error between any
two codes is calculated as follows:
DNL = (
∆VOUT – LSB)/LSB
where
∆VOUT is the measured voltage difference between
two adjacent codes.
Digital Feedthrough: The glitch that appears at the analog
output caused by AC coupling from the digital inputs when
they change state. The area of the glitch is specified in
(nV)(sec).
Full-Scale Error (FSE): The deviation of the actual full-
scale voltage from ideal. FSE includes the effects of offset
and gain errors (see Applications Information).
Integral Nonlinearity (INL): The deviation from a straight
line passing through the endpoints of the DAC transfer
curve (Endpoint INL). Because the output cannot go below
zero, the linearity is measured between full scale and the
lowest code which guarantees the output will be greater
while pulling to within 300mV of the positive supply
voltage or ground. The output swings to within a few
millivolts of either supply rail when unloaded and has an
equivalent output resistance of 30
Ω when driving a load to
the rails. The output can drive 1000pF without going into
oscillation.
The output swings from 0V to the voltage at the REF pin,
i.e., there is a gain of 1 from the REF to VOUT. Please note
if REF is tied to VCC the output can only swing to
(VCC – VOS). See Applications Information.
than zero. The INL error at a given input code is calculated
as follows:
INL = [VOUT – VOS – (VFS – VOS)(code/4095)]/LSB
where VOUT is the output voltage of the DAC measured at
the given input code.
Least Significant Bit (LSB): The ideal voltage difference
between two successive codes.
LSB = VREF/4096
Resolution (n): Defines the number of DAC output states
(2n) that divide the full-scale range. Resolution does not
imply linearity.
Voltage Offset Error (VOS): Nominally, the voltage at the
output when the DAC is loaded with all zeros. A single
supply DAC can have a true negative offset, but the output
cannot go below zero (see Applications Information).
For this reason, single supply DAC offset is measured at
the lowest code that guarantees the output will be greater
than zero.
Serial Interface
The data on the DIN input is loaded into the shift register
on the rising edge of the clock. Data is loaded as one 24-
bit word where the first 12 bits are for DAC A and the
second 12 are for DAC B. For each 12-bit segment the MSB
is loaded first. Data from the shift register is loaded into the
DAC register when CS/LD is pulled high. The clock is
disabled internally when CS/LD is high. Note: CLK must be
low before CS/LD is pulled low to avoid an extra internal
clock pulse.
Voltage Output
The LTC1448’s rail-to-rail buffered outputs can source or
sink 5mA over the entire operating temperature range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com