Electronic Components Datasheet Search
  English  ▼

X  

LTC1522 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1522
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1522 Datasheet(HTML) 6 Page - Linear Technology

  LTC1522 Datasheet HTML 1Page - Linear Technology LTC1522 Datasheet HTML 2Page - Linear Technology LTC1522 Datasheet HTML 3Page - Linear Technology LTC1522 Datasheet HTML 4Page - Linear Technology LTC1522 Datasheet HTML 5Page - Linear Technology LTC1522 Datasheet HTML 6Page - Linear Technology LTC1522 Datasheet HTML 7Page - Linear Technology LTC1522 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1522
APPLICATIONS INFORMATION
Figure 2. Ultralow Quiescent Current (<2.1
µA) Regulated Supply
1
2
3
4
8
7
6
5
NC
SHDN
GND
C–
NC
VIN
VOUT
C+
LTC1522
FROM MPU
10
µF
10
µF
VOUT
5V
±4%
SHDN PIN WAVEFORMS:
LOW IQ MODE (2Hz TO 100Hz, 95% TO 98% DUTY CYCLE)
IOUT ≤ 100µA
VOUT LOAD ENABLE MODE
(IOUT = 100µA TO 20mA)
0.22
µF
VIN
2.7V TO 5V +
+
1522 F02
INPUT VOLTAGE (V)
0.0
2.0
4.0
6.0
5.0
1522 F03a
2.0
3.0
4.0
Figure 3a. No-Load ICC vs Input Voltage for Circuit in Figure 3
OUTPUT CURRENT (
µA)
1
10
100
1000
1000
1522 F03b
1
10
100
SHDN ON PULSE WIDTH = 200
µs
COUT = 10µF
The LTC1522 must be out of shutdown for a minimum
duration of 200
µstoallowenoughtimetosensetheoutput
and keep it in regulation. A 2Hz, 98% duty cycle signal will
keep VOUT in regulation under no-load conditions. As the
VOUT load current increases, the frequency with which the
part is taken out of shutdown must also be increased to
prevent VOUT from drooping below 4.8V during the OFF
phase (see Figure 3b). A 100Hz 98% duty cycle signal on
the SHDN pin ensures proper regulation with load currents
as high as 100
µA. When load current greater than 100µA
is needed, the SHDN pin must be forced low as in normal
operation. The typical no-load supply current for this
circuit with VIN = 3V is only 2.1µA.
Each time the LTC1522 comes out of shutdown, the part
delivers a minimum of one clock cycle worth of charge to
the output. Under high VIN(>3.3V)and/orlowIOUT(<10µA)
conditions, this behavior may cause a net excess of charge
to be delivered to the output capacitor if a high frequency
signal is used on the SHDN pin (e.g., 50Hz to 100Hz).
Under such conditions, VOUT will slowly drift positive and
may even go out of regulation. To avoid this potential
problem in the low IQ mode, it is necessary to switch the
part in and out of shutdown at the minimum allowable
frequency (refer to Figure 3b) for a given output load.
Figure 3b. Maximum SHDN OFF Time vs Output Load Current
for Ultralow IQ Operation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com