Electronic Components Datasheet Search
  English  ▼

X  

KIA378R25PI Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIA378R25PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA378R25PI Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA378R25PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA378R25PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA378R25PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA378R25PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA378R25PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2001. 6. 28
5/5
KIA378R25PI~KIA378R37PI
Revision No : 1
Fig.7 T - I
JUNCTION TEMPERATURE T ( C)
0
-25
j
q
j
0
25
50
75
100
125
2
4
6
8
10
V
=35V
I =0
IN
O
Fig.8-1 f - RR
INPUT RIPPLE FREQUENCY f (kHz)
0.1
0
10
20
30
40
50
60
70
80
110
100
I =0.5A,ei=0.5V
V =4.2V(KIA378R25)
O
IN
rms
V =5.2V(KIA378R35)
IN
OUTPUT CURRENT I
(A)
V =18V(KIA378R35)
V =7V(KIA378R25)
C
=3.3
µF
0.1
20
IN
IN
ref
rms
Fig.8-2 I - RR
O
O
f=120Hz,ei=0.5V
0.5
1.0
30
40
50
60
70
V =4.7V(KIA378R30)
IN
V =15V(KIA378R33)
IN
V =5.0V(KIA378R33)
IN
V =5.4V(KIA378R37)
IN
V =10V(KIA378R30)
IN
V =21V(KIA378R37)
IN
Fig.6 T - V
JUNCTION TEMPERATURE T ( C)
0
-25
j
I =3A
O
D
j
0
25
50
75
100
125
0.1
0.2
0.3
0.4
0.5
I =2A
O
I =1A
O
I =0.5A
O
Fig.5-1 T - V (KIA378R37)
JUNCTION TEMPERATURE T ( C)
j
o
j
-100
-25
0
25
50
75
100
125
-50
0
50
100
150
V
=5.4V
I =1.5A
IN
O



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com