Electronic Components Datasheet Search
  English  ▼

X  

UPD3794 Datasheet(PDF) 3 Page - NEC

Part # UPD3794
Description  2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3794 Datasheet(HTML) 3 Page - NEC

  UPD3794 Datasheet HTML 1Page - NEC UPD3794 Datasheet HTML 2Page - NEC UPD3794 Datasheet HTML 3Page - NEC UPD3794 Datasheet HTML 4Page - NEC UPD3794 Datasheet HTML 5Page - NEC UPD3794 Datasheet HTML 6Page - NEC UPD3794 Datasheet HTML 7Page - NEC UPD3794 Datasheet HTML 8Page - NEC UPD3794 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
µPD3794
3
PIN CONFIGURATION (Top View)
CCD linear image sensor 22-pin plastic DIP (400 mil)
PHOTOCELL STRUCTURE DIAGRAM
PHOTOCELL ARRAY STRUCTURE DIAGRAM
(Line spacing)
1
2
3
4
5
6
7
8
9
10
11
21
20
19
18
17
16
15
14
13
12
22
NC
SEL1
NC
NC
1
φ
TG1
φ
Output drain voltage
No connection
RGB select input 1
No connection
RGB select input2
No connection
Shift register clock 1
Transfer gate clock 2
(for Blue)
VOUT
GND
NC
NC
2
φ
TG3
φ
No connection
No connection
Output signal
Ground
Reset gate clock
No connection
No connection
No connection
Shift register clock 2
No connection
Transfer gate clock 1
(for Green)
Transfer gate clock 3
(for Red)
SEL2
VOD
NC
NC
NC
GND
Ground
GND
Ground
RB
φ
NC
TG2
φ
µ
5 m
µm
3
Channel stopper
Aluminum
shield
Green photocell array
8 m
µ
Blue photocell array
8 m
µ
Red photocell array
8 m
µ
4 lines
(32 m)
µ
4 lines
(32 m)
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com