Electronic Components Datasheet Search
  English  ▼

X  

LT3472 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3472
Description  Boost and Inverting DC/DC Converter for CCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3472 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3472 Datasheet HTML 4Page - Linear Technology LT3472 Datasheet HTML 5Page - Linear Technology LT3472 Datasheet HTML 6Page - Linear Technology LT3472 Datasheet HTML 7Page - Linear Technology LT3472 Datasheet HTML 8Page - Linear Technology LT3472 Datasheet HTML 9Page - Linear Technology LT3472 Datasheet HTML 10Page - Linear Technology LT3472 Datasheet HTML 11Page - Linear Technology LT3472 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT3472
9
3472f
Figure 7. Recommended Component Placement
APPLICATIO S I FOR ATIO
Figure 6. Start-Up Sequencing
the sum of the two outputs is always positive. The se-
quencing is shown in Figure 6.
Board Layout Consideration
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To maximize efficiency, switch rise and fall times are made
as short as possible. To prevent electromagnetic interfer-
VPOS
5V/DIV
VNEG
5V/DIV
VSHDN
5V/DIV
100µs/DIV
3472 FO6
CIN
LP
LN1
CNF
LN2
CON
RFBN
CFBN
CSSN
CSSP
COP
RFBP
CFBP
3472 F06
ence (EMI) problems, proper layout of the high frequency
switching path is essential. The voltage signals of the SWP
and SWN pins have rise and fall times of a few ns. Minimize
the length and area of all traces connected to the SWP and
SWN pins and always use a ground plane under the
switching regulator to minimize interplane coupling. Rec-
ommended component placement is shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com