Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5502
Description  400MHz Quadrature IF Demodulator with RSSI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 5 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology LT5502 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT5502
5
PI FU CTIO S
IOUT+ (Pin 1): Positive Baseband Output Pin of I-Channel.
The DC bias voltage is VCC – 1.16V. This pin should not be
shorted to ground.
IOUT– (Pin 2): Negative Baseband Input Pin of I-Channel.
The DC bias voltage is VCC – 1.16V. This pin should not be
shorted to ground.
GND (Pins 3, 5, 8, 9, 14, 20, 21): Ground Pin.
VCC (Pins 4, 16, 17, 22): Power Supply Pin. This pin
should be decoupled using 1000pF and 0.1
µF capacitors.
IF+ (Pin 6): Positive IF Input Pin. The DC bias voltage is
VCC – 0.4V.
IF– (Pin 7): Negative IF Input Pin. The DC bias voltage is
VCC – 0.4V.
EN (Pin 10): Enable Pin. When the input voltage is higher
than 0.9V or up to VCC, the circuit is completely turned on.
When the input voltage is less than 0.7V or down to
ground, the circuit is turned off except the part of the
circuit associated with standby mode.
STBY (Pin 11): Standby Pin. When the input voltage is
higher than 0.9V or up to VCC, the circuit of standby mode
is turned on to bias the I/Q buffers to desired quiescent
voltage. When the input voltage is less than 0.7V or down
to ground, it is turned off.
IFt+ (Pin 12): Interstage IF Positive Pin. The DC bias
voltage is VCC – 0.25V.
IFt– (Pin 13): Interstage IF Negative Pin. The DC bias
voltage is VCC – 0.25V.
RSSI (Pin 15): RSSI Output Pin.
2XLO– (Pin 18): Negative Carrier Input Pin. The input-
signal’s frequency must be twice that of the desired
demodulator LO frequency. The DC bias voltage is VCC –
0.4V.
2XLO+ (Pin 19): Positive Carrier Input Pin. The input-
signal’s frequency must be twice that of the desired
demodulator LO frequency. The DC bias voltage is VCC –
0.4V.
QOUT– (Pin 23): Negative Baseband Output Pin of the
Q-Channel. The DC bias voltage is VCC – 1.16V. This pin
should not be shorted to ground.
QOUT+ (Pin 24): Positive Baseband Output Pin of the
Q-Channel. The DC bias voltage is VCC – 1.16V. This pin
should not be shorted to ground.
BLOCK DIAGRA
2XLO+
2XLO–
IF+
IF–
EN
BIAS
5502 BD
LIMITER
2
LIMITER
1
1
6
12
13
7
2
24
23
10
15
RSSI
RSSI
LO
BUFFERS
IFt+
IFt–
IOUT
+
IOUT
–
QOUT
+
QOUT
–
Q-MIXER
I-MIXER
LPF
LPF
1
1
DIVIDE 2
0
°/90°
19
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com