Electronic Components Datasheet Search
  English  ▼

X  

P043002 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P043002
Description  Heavy-Duty Power Extension Cord with 20 AMP Breaker, 20A, 10AWG (NEMA L5-30P to NEMA L5-20R), 2-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P043002 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P043002 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P043002 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord with 20 AMP
Breaker, 20A, 10AWG (NEMA L5-30P to NEMA
L5-20R), 2-ft.
MODEL NUMBER: P043-002
Description
Tripp Lites P043-002 allows a simple transition from a L5-30R wall outlet to a L5-20R outlet. No need to call in an electrician to change the outlet and breaker,
simply plug in the L5-30P plug and convert to L5-20R outlet with a built-in 20AMP breaker. Heavy-duty metal box, 3 x 10AWG.
Features
Easy transition between L5-30R to L5-20R
L5-20R outlet box contains 20AMP breaker
2-ft. of 3C x 10AWG cable between L5-30P plug and L5-20R outlet box
UL-rated
Specifications
INPUT
Cable Length (ft.)
2
Cable Length (m)
0.61
PHYSICAL
Color
Black
CONNECTIONS
Connector A
NEMA L5-30P
Connector B
NEMA L5-20R
Highlights
Easy transition from L5-30R wall
outlet to L5-20R
Conversion box includes 20AMP
breaker
Applications
Mates equipment with L5-20P
Plugs to wall outlets with L5-30R
Receptacle
Package Includes
2-ft. L5-30P to L5-20R Power
Adapter Cable
1 / 2


Similar Part No. - P043002

ManufacturerPart #DatasheetDescription
logo
AZ Displays
P0430WQLB-T AZDISPLAYS-P0430WQLB-T Datasheet
2Mb / 21P
Tentative Product Specification
P0430WQLC-T AZDISPLAYS-P0430WQLC-T Datasheet
2Mb / 21P
Tentative Product Specification
More results

Similar Description - P043002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P04406I TRIPPLITE-P04406I Datasheet
481Kb / 2P
Heavy-Duty Power Adapter Cord, 20A, 12AWG (NEMA-L5-20R to NEMA-5-20P), 6-in
P04606N TRIPPLITE-P04606N Datasheet
468Kb / 2P
Heavy-Duty Power Adapter Cord, 20A, 12AWG (NEMA-L5-20P to NEMA-5-20R), 6-in
P041008 TRIPPLITE-P041008 Datasheet
480Kb / 2P
Heavy-Duty Power Extension Cord, 30A, 10AWG (NEMA L6-30P to NEMA L6-30R), 8-ft
P046-010-LL TRIPPLITE-P046-010-LL Datasheet
159Kb / 3P
Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 10 ft. (3.05 m), Black, Locking Connectors
P043-002 TRIPPLITE-P043-002 Datasheet
164Kb / 3P
Power Extension Cord, NEMA L5-30P to NEMA L5-20R Extension Cord with Breaker - 20A, 120V, 10 AWG, 2 ft. (0.61 m), Black
P046-006-LL-30A TRIPPLITE-P046-006-LL-30A Datasheet
178Kb / 3P
Power Extension Cord, NEMA L5-30P to NEMA L5-30R- Heavy-Duty, 30A, 125V, 10 AWG, 6 ft. (1.83 m), Black, Locking Connectors
P046-006-LL TRIPPLITE-P046-006-LL Datasheet
159Kb / 3P
Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 6 ft. (1.83 m), Black, Locking Connectors
P046-010-LL-30A TRIPPLITE-P046-010-LL-30A Datasheet
179Kb / 3P
Power Extension Cord, NEMA L5-30P to NEMA L5-30R- Heavy-Duty, 30A, 125V, 10 AWG, 10 ft. (3.05 m), Black, Locking Connectors
P046-015-LL-30A TRIPPLITE-P046-015-LL-30A Datasheet
179Kb / 3P
Power Extension Cord, NEMA L5-30P to NEMA L5-30R- Heavy-Duty, 30A, 125V, 10 AWG, 15 ft. (4.57 m), Black, Locking Connectors
P046-015-LL TRIPPLITE-P046-015-LL Datasheet
160Kb / 3P
Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 15 ft. (4.57 m), Black, Locking Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com