Electronic Components Datasheet Search
  English  ▼

X  

LT6650 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6650
Description  Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6650 Datasheet(HTML) 5 Page - Linear Technology

  LT6650 Datasheet HTML 1Page - Linear Technology LT6650 Datasheet HTML 2Page - Linear Technology LT6650 Datasheet HTML 3Page - Linear Technology LT6650 Datasheet HTML 4Page - Linear Technology LT6650 Datasheet HTML 5Page - Linear Technology LT6650 Datasheet HTML 6Page - Linear Technology LT6650 Datasheet HTML 7Page - Linear Technology LT6650 Datasheet HTML 8Page - Linear Technology LT6650 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT6650
5
6650fa
Minimum Input-Output Voltage
Differential (Sinking)
Output Short-Circuit Current vs
Input Voltage
Output Short-Circuit Current vs
Input Voltage
FB Pin Current vs FB Pin Voltage
FB Pin Current vs FB Pin Voltage
Gain and Phase vs Frequency
Output Noise 0.1Hz to 10Hz
Output Voltage Noise Spectrum
Integrated Noise 10Hz to 1kHz
OUTPUT CURRENT(
µA)
10
100
1000
0
–400
–300
–200
–100
–500
6650 G10
VOUT = 1.425V - TYP (RF = 100k, RG = 39.2k)
0.1% VOUT
125
°C
–55
°C
25
°C
INPUT VOLTAGE (V)
0
6
8
14
12
10
16
6650 G11
4
2
4
8
12
20
14
2
6
10
18
OUTPUT SHORTED TO GND
125
°C
–55
°C
25
°C
INPUT VOLTAGE (V)
0
6
8
14
12
10
16
6650 G12
4
2
4
8
12
20
14
2
6
10
18
OUTPUT SHORTED TO VIN
125
°C
25
°C
–55
°C
FB PIN VOLTAGE (V)
–0.6
–10
0
2
4
6
–0.2
0.2
0.6
1.0
6650 G13
8
–2
–4
–6
–8
10
–0.4
0
0.4
0.8
125
°C
VFB ≠ VOUT
CURRENT IS POSITIVE WHEN
IT ENTERS THE DEVICE
–55
°C
25
°C
FB PIN VOLTAGE (V)
13
79
515
13
11
17
19
10
1
0.1
0.01
6650 G14
125
°C
VFB ≠ VOUT
CURRENT IS POSITIVE WHEN
IT ENTERS THE DEVICE
–55
°C
25
°C
FREQUENCY (kHz)
120
100
80
60
40
20
00
–20
–40
120
100
80
60
40
20
–20
–40
0.01
1
10
100
6650 G15
0.1
TA = 25°C
UNITY GAIN
RL = 2k
CL = 1µF
GAIN
PHASE
TIME (s)
0
8
6650 G16
2
4
6
10
7
1
3
5
9
VIN = 5V
FREQUENCY (Hz)
10
20
100
1k
10k
6650 G17
VIN = 5V
CL = 1µF
IOUT = –40µA
IOUT = 0µA
0
5
10
15
IOUT = –200µA
FREQUENCY (Hz)
10
1
10
100
100
1k
6650 G18
VIN = 5V
CL = 1µF
IOUT = –200µA
TYPICAL PERFOR A CE CHARACTERISTICS (See Applications, Figure 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com