Electronic Components Datasheet Search
  English  ▼

X  

LTC1574 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1574
Description  High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1574 Datasheet(HTML) 4 Page - Linear Technology

  LTC1574 Datasheet HTML 1Page - Linear Technology LTC1574 Datasheet HTML 2Page - Linear Technology LTC1574 Datasheet HTML 3Page - Linear Technology LTC1574 Datasheet HTML 4Page - Linear Technology LTC1574 Datasheet HTML 5Page - Linear Technology LTC1574 Datasheet HTML 6Page - Linear Technology LTC1574 Datasheet HTML 7Page - Linear Technology LTC1574 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1574
LTC1574-3.3/LTC1574-5
VOUT or VFB (Pin 10): For the LTC1574, this pin connects
to the main voltage comparator input. On the LTC1574-5
and LTC1574-3.3, this pin goes to an internal resistive
divider which sets the output voltage.
LBOUT (Pin 11): Open drain of an N-Channel Pull-Down.
This pin will sink current when (Pin 12) LBIN goes below
1.25V.
LBIN (Pin 12): The (–) Input of the Low-Battery Voltage
Comparator. The (+) input is connected to a reference
voltage of 1.25V.
NC (Pins 1, 8, 9, 16): No Connection.
GND (Pins 2, 4, 13, 15): Ground.
SW (Pins 3, 14): Drain of P-Channel MOSFET Switch and
Cathode of Schottky Diode.
VIN (Pin 5): Input Supply Voltage. It must be decoupled
close to ground (Pin 4).
IPGM (Pin 6): This pin selects the current limit of the
P-channel switch. With IPGM = VIN, the current trip point is
600mA and with IPGM = 0V, the current trip point is
reduced to 340mA.
SHDN (Pin 7): Pulling this pin to ground keeps the internal
switch off and puts the LTC1574 in micropower shutdown.
Operating Frequency and Inductor
Since the LTC1574 utilizes a constant off-time architecture,
its operating frequency is dependent on the value of VIN. The
frequency of operation can be expressed as:
f
t
VV
VV
Hz
OFF
IN
OUT
IN
D
=
−
+

 ()
1
where tOFF = 4µs and VD is the voltage drop across the
internal Schottky diode. Note that the operating frequency
is a function of the input and output voltage.
Although the size of the inductor does not affect the fre-
quency or inductor peak current, it does affect the ripple
current. The peak-to-peak ripple current is given by:
I
VV
L
RIPPLE
OUT
D
=
+

 ()
−
410 6
•
AP-P
When choosing a small inductor, core loss will increase due
to higher ripple current. Therefore, a low ESR output
capacitor has to be used.
Short-Circuit Protection
The LTC1574 is protected from output short circuits by its
internal current limit. Depending on the condition of the
Low-Battery Detector
The low-battery indicator senses the input voltage through
an external resistive divider. This divided voltage connects
to the “–” input of a voltage comparator (Pin 12) which is
compared with a 1.25V reference voltage. With the current
IPGM pin, the limit is either set to 340mA or 600mA. In
addition, the off-time of the switch is increased to allow the
inductor current to decay far enough to prevent any current
build-up (see Figure 1).
IPGM = VIN
IPGM = 0
GND
L = 100
µH
VIN = 13.5V
20
µs/DIV
1574 • F01
Figure 1. Inductor Current with Output Shorted
PI FU CTIO S
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com