Electronic Components Datasheet Search
  English  ▼

X  

UPD3798 Datasheet(PDF) 10 Page - NEC

Part # UPD3798
Description  5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3798 Datasheet(HTML) 10 Page - NEC

Back Button UPD3798 Datasheet HTML 6Page - NEC UPD3798 Datasheet HTML 7Page - NEC UPD3798 Datasheet HTML 8Page - NEC UPD3798 Datasheet HTML 9Page - NEC UPD3798 Datasheet HTML 10Page - NEC UPD3798 Datasheet HTML 11Page - NEC UPD3798 Datasheet HTML 12Page - NEC UPD3798 Datasheet HTML 13Page - NEC UPD3798 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
µPD3798
10
DATA SHEET S14314EJ1V0DS00
φTG1 to φTG3, φ1, φ2 TIMING CHART
Symbol
MIN.
TYP.
MAX.
Unit
t1, t2
0
25
–
ns
t3
20
50
–
ns
t4
70
250
–
ns
t5, t6
0
25
–
ns
t7
30
50
–
ns
t8, t9
0
25
–
ns
t10
30
50
–
ns
t11
5
15
–
ns
t12, t13
0
50
–
ns
t14
3000
10000
–
ns
t15, t16
900
1000
–
ns
φ1, φ2 cross points
Remark
Adjust cross points of
φ1 and φ2 with input resistance of each pin.
2
φ
1
φ
2.0 V or more
0.5 V or more
1
φ
2
φ
t15
90 %
10 %
90 %
TG1 to TG3
φ
t12
t14
t13
t16
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com