Electronic Components Datasheet Search
  English  ▼

X  

P052008 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P052008
Description  Standard UK Power Cord, 13A (IEC-320-C19 to BS-1363 UK Plug), 8-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P052008 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P052008 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P052008 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard UK Power Cord, 13A (IEC-320-C19 to
BS-1363 UK Plug), 8-ft.
MODEL NUMBER: P052-008
Description
Tripp Lite Heavy Duty 8-ft. C19 to BS1363 UK Power Cord. Constructed with H05VV-F 3G 1.5mm wire, fully molded ends, and 250V/13A rating (13AMP Fuse).
Features
Molded Heavy Duty Power Cord, 8ft
IEC-60320-C19 to BS1363 UK Plug
H05VV-F 3G 1.5mm Cable
250V/13A
Specifications
INPUT
Cable Length (ft.)
8
Cable Length (m)
2.44
PHYSICAL
Color
Black
CONNECTIONS
Connector A
BS1363 UK PLUG
Connector B
IEC-320-C19
Number of Connectors
2
Highlights
C19 to BS1363 UK Power Cord,
8-ft.
H05VV-F 3G 1.5mm Wire
13A Fuse
1 / 2


Similar Part No. - P052008

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P052-008 TRIPPLITE-P052-008 Datasheet
165Kb / 2P
UK Power Cable with BS 1363 Plug - C19 to BS 1363, 13A, 250V, 16 AWG, 8 ft. (2.4 m), Black
logo
Pulse A Technitrol Comp...
P0527 PULSE-P0527 Datasheet
129Kb / 2P
Solutions based on impedance, size and current
P0527 PULSE-P0527 Datasheet
129Kb / 2P
SMT COMMON MODE CHOKES
P0527NL PULSE-P0527NL Datasheet
782Kb / 2P
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
P0527NL PULSE-P0527NL Datasheet
782Kb / 2P
Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
More results

Similar Description - P052008

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P056006 TRIPPLITE-P056006 Datasheet
468Kb / 2P
Standard UK Computer Power Cord, 5A (IEC-320-C13 to BS-1363 UK Plug), 6-ft
P060006 TRIPPLITE-P060006 Datasheet
479Kb / 2P
Standard UK Computer Power Cord (C5 to BS-1363 UK Plug), 6-ft
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P00400313A TRIPPLITE-P00400313A Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P00400413A TRIPPLITE-P00400413A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P04700610A TRIPPLITE-P04700610A Datasheet
482Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (IEC-320-C19 to IEC-320-C14), 6-ft
P056-006 TRIPPLITE-P056-006 Datasheet
471Kb / 3P
Standard UK Computer Power Cord, 10A (IEC-320-C13 to BS-1363 UK Plug) 6-ft
P052-008 TRIPPLITE-P052-008 Datasheet
165Kb / 2P
UK Power Cable with BS 1363 Plug - C19 to BS 1363, 13A, 250V, 16 AWG, 8 ft. (2.4 m), Black
PS410HGUK TRIPPLITE-PS410HGUK Datasheet
163Kb / 3P
UK BS-1363 Medical-Grade Power Strip with 4 UK Outlets, 3m Cord
PS610HGUK TRIPPLITE-PS610HGUK Datasheet
161Kb / 3P
UK BS-1363 Medical-Grade Power Strip with 6 UK Outlets, 3m Cord
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com