Electronic Components Datasheet Search
  English  ▼

X  

LTC1650 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1650
Description  Low Glitch 16-Bit Voltage Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1650 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1650 Datasheet HTML 3Page - Linear Technology LTC1650 Datasheet HTML 4Page - Linear Technology LTC1650 Datasheet HTML 5Page - Linear Technology LTC1650 Datasheet HTML 6Page - Linear Technology LTC1650 Datasheet HTML 7Page - Linear Technology LTC1650 Datasheet HTML 8Page - Linear Technology LTC1650 Datasheet HTML 9Page - Linear Technology LTC1650 Datasheet HTML 10Page - Linear Technology LTC1650 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1650
CS/LD (Pin 8): The TTL Level Input for the Serial Interface
Enable and Load Control. When CS/LD is low, the CLK
signal is enabled so the data can be clocked in. When
CS/LD is pulled high, data is loaded from the shift register
into the DAC register, updating the DAC output.
CLR (Pin 9): The DAC is cleared to VRST when this pin is
pulled low. It should be logic high for normal operation.
RSTOUT (Pin 10): The logic output pin that goes active
when any of the supplies drop below 2.5V. This pin is
active low.
REFHI (Pin 11): The Reference Input Pin. The DAC is
capable of 4-quadrant multiplying; this pin can swing
from 4.5V to – 4V.
REFLO F/REFLO S (Pins 12, 13): The Force and Sense Pin
for the Lower Reference Input. This should nominally be
tied to ground. This pin can swing from – 1V to 1V.
AVSS (Pin 14): The Analog Negative Supply Input.– 5.25V
≤AVSS≤–4.75V.Requiresabypasscapacitortoground.
AVDD (Pin 15): The Analog Positive Supply Input. 4.75V
≤ AVDD ≤ 5.25V. Requires a bypass capacitor to ground.
UNI/BIP (Pin 16): The Unipolar/Bipolar Selection Pin. For
unipolar operation, tie this pin to VOUT and for bipolar
operation, tie this pin the REFHI.
CLK
t1
DIN
CS/LD
DOUT
B14
B15
B14
B13
B1
B0
LSB
B15
MSB
B13
B0
B1
1650 TD
(PREVIOUS
WORD)
t9
t8
t6
t7
t4
t3
t5
t2
PI FU CTIO S
TI I G DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com