Electronic Components Datasheet Search
  English  ▼

X  

LTC1659 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1659
Description  12-Bit Rail-to-Rail Micropower DAC in MSOP Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1659 Datasheet(HTML) 4 Page - Linear Technology

  LTC1659 Datasheet HTML 1Page - Linear Technology LTC1659 Datasheet HTML 2Page - Linear Technology LTC1659 Datasheet HTML 3Page - Linear Technology LTC1659 Datasheet HTML 4Page - Linear Technology LTC1659 Datasheet HTML 5Page - Linear Technology LTC1659 Datasheet HTML 6Page - Linear Technology LTC1659 Datasheet HTML 7Page - Linear Technology LTC1659 Datasheet HTML 8Page - Linear Technology LTC1659 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1659
4
1659fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded, REF ≤ VCC, TA = TMIN to TMAX
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching (VCC = 4.5V to 5.5V
t1
DIN Valid to CLK Setup
●
40
ns
t2
DIN Valid to CLK Hold
●
0ns
t3
CLK High Time
(Note 7)
●
40
ns
t4
CLK Low Time
(Note 7)
●
40
ns
t5
⎯C⎯S/LD Pulse Width
(Note 7)
●
50
ns
t6
LSB CLK to ⎯C⎯S/LD
(Note 7)
●
40
ns
t7
⎯C⎯S/LD Low to CLK
(Note 7)
●
20
ns
t8
DOUT Output Delay
CLOAD = 15pF
●
5150
ns
t9
CLK Low to ⎯C⎯S/LD Low
(Note 7)
●
20
ns
Switching (VCC = 2.7V to 5.5V)
t1
DIN Valid to CLK Setup
●
60
ns
t2
DIN Valid to CLK Hold
●
0ns
t3
CLK High Time
(Note 7)
●
60
ns
t4
CLK Low Time
(Note 7)
●
60
ns
t5
⎯C⎯S/LD Pulse Width
(Note 7)
●
80
ns
t6
LSB CLK to ⎯C⎯S/LD
(Note 7)
●
60
ns
t7
⎯C⎯S/LD Low to CLK
(Note 7)
●
30
ns
t8
DOUT Output Delay
CLOAD = 15pF
●
10
220
ns
t9
CLK Low to ⎯C⎯S/LD Low
(Note 7)
●
30
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Nonlinearity is defined from code 20 to code 4095 (full scale). See
Applications Information.
Note 3: Load is 5k
Ω in parallel with 100pF.
Note 4: DAC switched between all 1s and the code corresponding to VOS
for the part.
Note 5: Digital inputs at 0V or VCC.
Note 6: VOUT can only swing from (GND + |VOS|) to (VCC – |VOS|) when
output is unloaded.
Note 7: Guaranteed by design, not subject to test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com