Electronic Components Datasheet Search
  English  ▼

X  

LTC1685 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1685
Description  52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1685 Datasheet(HTML) 5 Page - Linear Technology

  LTC1685 Datasheet HTML 1Page - Linear Technology LTC1685 Datasheet HTML 2Page - Linear Technology LTC1685 Datasheet HTML 3Page - Linear Technology LTC1685 Datasheet HTML 4Page - Linear Technology LTC1685 Datasheet HTML 5Page - Linear Technology LTC1685 Datasheet HTML 6Page - Linear Technology LTC1685 Datasheet HTML 7Page - Linear Technology LTC1685 Datasheet HTML 8Page - Linear Technology LTC1685 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1685
TYPICAL PERFORMANCE CHARACTERISTICS
DI (Pin 4): Driver Input. Controls the states of the A and
B outputs only if DE = High. If DE = Low, DI will have no
effect on A and B pins. Do not float.
GND (Pin 5): Ground.
A (Pin 6): Noninverting Receiver Input/Driver Output.
B (Pin 7): Inverting Receiver Input/Driver Output.
VDD (Pin 8): Positive Supply, 5V to ±5%. Bypass with
0.1
µF ceramic capacitor.
PIN FUNCTIONS
RO (Pin 1): Receiver Output. If A
≥ B by 300mV, then RO
will be high. If A
≤ B by 300mV, then RO will be low.
RE (Pin 2): Receiver Enable. RE = Low enables the
receiver. RE = High forces receiver output into high
impedance state. Do not float.
DE (Pin 3): Driver Enable. DE = High enables the driver.
DE = Low will force the driver output into a high impedance
state and the device will function as a line receiver if RE is
also low. Do not float.
Driver Propagation Delay
vs Temperature
Driver Propagation Delay
vs Driver Input Voltage
DRIVER INPUT VOLTAGE (V)
2.5
15
20
25
4.5
1685 G08
10
5
0
3.0
3.5
4.0
5.0
tLH
VDD = 5V
INPUT THRESHOLD = 1.5V
TA = 25°C
tHL
Driver Propagation Delay
vs Capacitive Load
LOAD CAPACITANCE (pF)
5
16.0
16.5
17.0
17.5
18.0
19.0
15
25
50
75
1685 G11
100
150
18.5
TA = 25°C
Receiver Maximum Data Rate
vs Input Overdrive
Receiver Propagation Delay
vs Temperature
TEMPERATURE (
°C)
–50
–25
0
10
25
0
50
75
1680 G09
5
20
15
25
100
125
RECEIVER INPUT DIFFERENTIAL (V)
0.3
40
50
70
0.6
1.0
1685 G10
30
20
0.4
0.5
0.7
1.5
2.5
10
0
60
TA = 25°C
TEMPERATURE (
°C)
–20
–40
0
5
10
15
20
25
0
20
40
60
1685 G07
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com