Electronic Components Datasheet Search
  English  ▼

X  

P95036I Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P95036I
Description  eSATA, SATA-II External Signal Shielded Cable (7Pin-7Pin), 36-in
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P95036I Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P95036I Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P95036I Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
eSATA, SATA-II External Signal Shielded Cable
(7Pin/7Pin), 36-in.
MODEL NUMBER: P950-36I
Description
Tripp Lite expands its line of hard drive cables with the introduction of our new line of eSATA ( SATA II ) cables.
This 36" data cable connects any high speed eSATA drive, PVR/DVR, or SETOP box to an eSATA controller.
SATA-II delivers higher data transfer rates (up to 6 Gbps), and the double-shielded cable design is perfect for the new generation of External SATA -II drives.
SATA-II drives offer 6 times the transfer rate of USB & Firewire external drives. These cables feature 7-pin straight latching (Male) and offer easy installation.
Features
Connect your high-speed eSATA device to an eSATA controller
Support data transfer rates of up to 6 Gbps
36" Cable is double-shielded to protect against EMI/RFI
RoHS Compliant
Specifications
OVERVIEW
Cable Type
SATA
INPUT
Cable Length (ft.)
3
Cable Length (m)
0.91
Cable Length (in.)
36
PHYSICAL
Highlights
Connect your high-speed eSATA
device to a eSATA controller
Support data transfer rates of up
to 6Gbps
Cable is double-shielded to
protect against EMI/RFI
Applications
External eSATA devices, such
as Hard Drives, PVR/DVR's, or
SETOP boxes to a eSATA
controller card
System Requirements
eSATA Device
eSATA Controller
Package Includes
36inch ( 3ft ) eSATA (SATA-II)
External Signal Cable (7Pin/7Pin)
1 / 2


Similar Part No. - P95036I

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P950-02M TRIPPLITE-P950-02M Datasheet
473Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 6-ft. (2M)
P950-18I TRIPPLITE-P950-18I Datasheet
154Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 18-in.
P950-36I TRIPPLITE-P950-36I Datasheet
154Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 36-in.
P95018I TRIPPLITE-P95018I Datasheet
474Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin-7Pin), 18-in
logo
BROTHER INTERNATIONAL. ...
P950NW BROTHER-P950NW Datasheet
1Mb / 4P
Introducing the Label Printers that make business a pleasure
August 11, 2016 3:15 PM
More results

Similar Description - P95036I

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P95018I TRIPPLITE-P95018I Datasheet
474Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin-7Pin), 18-in
P95218I TRIPPLITE-P95218I Datasheet
474Kb / 2P
SATA to eSATA Transition Cable (7Pin-7Pin), 18-in
P952002 TRIPPLITE-P952002 Datasheet
469Kb / 2P
SATA to eSATA Transition Cable (7Pin-7Pin), 2-ft
P952003 TRIPPLITE-P952003 Datasheet
474Kb / 2P
SATA to eSATA Transition Cable (7Pin-7Pin), 3-ft
P952-003 TRIPPLITE-P952-003 Datasheet
476Kb / 2P
SATA to eSATA Transition Cable (7Pin/7Pin), 3-ft.
P950-02M TRIPPLITE-P950-02M Datasheet
473Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 6-ft. (2M)
P950-18I TRIPPLITE-P950-18I Datasheet
154Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 18-in.
P950-36I TRIPPLITE-P950-36I Datasheet
154Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 36-in.
P952-002 TRIPPLITE-P952-002 Datasheet
154Kb / 2P
SATA to eSATA Transition Cable (7Pin/7Pin), 2-ft.
P952-18I TRIPPLITE-P952-18I Datasheet
156Kb / 2P
SATA to eSATA Transition Cable (7Pin/7Pin), 18 in.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com