Electronic Components Datasheet Search
  English  ▼

X  

LTC1998 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1998
Description  SOT-23 Comparator and Voltage Reference for Battery Monitoring
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1998 Datasheet HTML 2Page - Linear Technology LTC1998 Datasheet HTML 3Page - Linear Technology LTC1998 Datasheet HTML 4Page - Linear Technology LTC1998 Datasheet HTML 5Page - Linear Technology LTC1998 Datasheet HTML 6Page - Linear Technology LTC1998 Datasheet HTML 7Page - Linear Technology LTC1998 Datasheet HTML 8Page - Linear Technology LTC1998 Datasheet HTML 9Page - Linear Technology LTC1998 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC1998
6
1998fb
PIN FUNCTIONS
BATT (Pin 1): Battery Voltage to be monitored. Supply
current is also drawn from this pin. Board layout should
connect this pin to the battery(+) terminal, through a trace
that does not conduct load current.
GND (Pin 2): Ground should be connected to the battery
(–) terminal through a trace that does not conduct load
return current.
VTH.A(Pin3): ThresholdAdjustPin.Adjuststhelowbattery
threshold voltage, VBATT.Th = 2.5V + (VTH.A/2). VTH.A can be
supplied by a voltage source or a resistor divider.
VH.A (Pin 4): Hysteresis Adjust. Hysteresis threshold
voltage VTH2 = 2.5V + (VH.A/2). VH.A can be supplied by
a voltage source or resistor divider. VH.A must always be
programmed to a higher potential than VTH.A. Hysteresis
voltage, VHYST = VTH2 – VBATT.Th.
VLOGIC (Pin 5): Positive Supply Voltage for Output Driver.
This voltage can be driven from an external logic supply
or tied to BATT.
BATTLO (Pin 6): Output of Comparator. Low for BATT
< VBATT.Th (low battery threshold voltage). Output state
guaranteed for VBATT ≥ 1.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com