Electronic Components Datasheet Search
  English  ▼

X  

LTC3201 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3201
Description  100mA Ultralow Noise Charge Pump LED Supply with Output Current Adjust
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3201 Datasheet(HTML) 2 Page - Linear Technology

  LTC3201 Datasheet HTML 1Page - Linear Technology LTC3201 Datasheet HTML 2Page - Linear Technology LTC3201 Datasheet HTML 3Page - Linear Technology LTC3201 Datasheet HTML 4Page - Linear Technology LTC3201 Datasheet HTML 5Page - Linear Technology LTC3201 Datasheet HTML 6Page - Linear Technology LTC3201 Datasheet HTML 7Page - Linear Technology LTC3201 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC3201
2
3201f
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, CFILTER = CFLY = 0.22µF, CIN = COUT = 1µF,
tMIN to tMAX unless otherwise noted.
VIN, VFILTER, VOUT, CP, CM to GND .............. –0.3V to 6V
D0, D1, D2, FB to GND ................. –0.3V to (VIN + 0.3V)
VOUT Short-Circuit Duration ............................. Indefinite
IOUT ...................................................................................... 150mA
Operating Temperature Range (Note 2) ...–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
MS PART
MARKING
TJMAX = 150°C
θJA = 130°C/W (1 LAYER BOARD)
θJA = 100°C/W (4 LAYER BOARD)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3201EMS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
q
2.7
4.5
V
VIN Operating Current
IOUT = 0mA
q
4
6.5
mA
VIN Shutdown Current
D0, D1, D2 = 0V, VOUT = 0V
q
1
µA
Open-Loop Output Impedance
IOUT = 100mA
8
Ω
Input Current Ripple
IIN = 200mA
30
mAP-P
Output Ripple
IOUT = 100mA, COUT = 1µF30
mVP-P
VFB Regulation Voltage
D0 = D1 = D2 = VIN
q
0.57
0.63
0.66
V
VFB DAC Step Size
90
mV
Switching Frequency
Oscillator Free Running
1.4
1.8
MHz
D0 to D2 Input Threshold
q
0.4
1.1
V
D0 to D2 Input Current
q
–1
1
µA
VOUT Short-Circuit Current
VOUT = 0V
150
mA
VOUT Turn-On Time
IOUT = 0mA
1
ms
LTVB
1
2
3
4
5
VOUT
CP
FILTER
CM
GND
10
9
8
7
6
FB
VIN
D2
D1
D0
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3201E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com