| Electronic Components Datasheet Search |
|
LTC3202 Datasheet(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3202 Datasheet(HTML) 7 Page - Linear Technology |
|
7 / 12 page ![]() 7 LTC3202 3202fa In this configuration the feedback factor ( ∆VFB/∆VOUT)will be very near unity since the small signal LED impedance will be considerably less than the current setting resistor RX. Thus, this configuration will have the highest loop gain giving it the lowest closed-loop output resistance. Like- wise it will also require the largest amount of output capacitance to preserve stability. For fixed voltage applications, the output voltage can be set by the ratio of two resistors and the feedback control voltage as shown in Figure 2. The output voltage is given by the set point voltage times the gain factor 1 + R1/R2. Note that the closed-loop output resistance will increase in proportion to the loop gain consumed by the resistive divider ratio. For example, if the resistor ratio is 2:1 giving a gain of 3, the closed-loop output resistance will be about 3 times higher than its nominal gain of 1 value. Given that the closed-loop output resistance is about 0.35 Ω with a gain of 1, the closed-loop output resistance will be about 1 Ω when using a gain of 3. Figure 2. Voltage Control Mode Charge Pump Strength Figure 3 shows how the LTC3202 can be modeled as a Thevenin equivalent circuit to determine the amount of current available from the effective input voltage, 1.5VIN and the effective open-loop output resistance, ROL. Figure 3. Equivalent Open-Loop Circuit Figure 4. Typical ROL vs Temperature 3202 F02 LTC3202 VOUT FB GND VOUT = VFB (1 + ) R1 R2 1 µF R1 R2 5, 11 3 2 3202 F03 + – 1.5VIN ROL VOUT – + OPERATIO (Refer to Simplified Block Diagram) From Figure 3 the available current is given by: I VV R OUT IN OUT OL = 15 .– Typical values of ROL as a function of temperature are shown in Figure 4. When using the LTC3202 in voltage control mode, any of the three voltage settings (0.2V, 0.4V or 0.6V) can be used as the set point voltage. For optimum noise performance and lowest closed-loop output resistance the highest voltage setting will likely be the most desirable. Typical values for total voltage divider resistance can range from several k Ωs up to 1MΩ. TEMPERATURE ( °C) –40 4.8 4.6 4.4 4.2 4.0 3.8 60 3202 F04 –15 10 35 85 VFB = 0 IL = 100mA C1 = C2 = 1 µF ROL = (1.5VIN – VOUT)/IL VIN = 2.7V VIN = 3.6V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |