Electronic Components Datasheet Search
  English  ▼

X  

LTC3459 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3459
Description  10V Micropower Synchronous Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3459 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3459 Datasheet HTML 2Page - Linear Technology LTC3459 Datasheet HTML 3Page - Linear Technology LTC3459 Datasheet HTML 4Page - Linear Technology LTC3459 Datasheet HTML 5Page - Linear Technology LTC3459 Datasheet HTML 6Page - Linear Technology LTC3459 Datasheet HTML 7Page - Linear Technology LTC3459 Datasheet HTML 8Page - Linear Technology LTC3459 Datasheet HTML 9Page - Linear Technology LTC3459 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3459
6
3459fc
PIN FUNCTIONS
VIN (Pin 1/Pin 6/Pin 6): Input Supply Pin. Bypass VIN with
a low ESR, ESL ceramic capacitor of at least 1μF.
VOUT (Pin 2/Pin 2/Pin 5): Regulated Output Voltage of
the Boost Regulator. Bypass VOUT with a low ESR, ESL
ceramic capacitor between 2.2μF and 10μF. VOUT ripple
increases with smaller capacitors.
SHDN(Pin3/Pin1/Pin4):MasterShutdownInput.Driving
SHDN low disables all IC functions and reduces quiescent
current from the battery to less than 1μA. This pin must
be pulled above 1V to enable the IC.
FB (Pin 4/Pin 3/Pin 3): Input to the Burst Mode Comparator.
An external resistor divider connected between VOUT,
GND and this pin sets the output voltage to:
VOUT = 1.22(1 + R1/R2)
GND (Pin 5/Pin 5/Pin 2): Signal and Power Ground. Provide
a short, direct PCB path between GND and the (–) side of
the filter capacitors on VIN and VOUT.
SW (Pin 6/Pin 4/Pin 1): Switch Pin. Connect a 15μH to
33μH inductor between SW and VIN.KeepPCBtracelengths
as short and wide as possible to reduce EMI and voltage
overshoot. If the inductor current falls to zero, the internal
P-channel MOSFET synchronous rectifier is turned off to
prevent reverse charging of the inductor.
Exposed Pad (Pin 7/Pin 7, DC and DCB Packages Only):
Ground. The Exposed Pad must be soldered to PCB.
(DC/DCB/S6 Packages)
BLOCK DIAGRAM
VIN
IZERO
DETECT
IZO
IPEAK
tOFF
VCC
VOUT
SLEEP
DELAY
IPEAK
DETECT
tOFF
TIMER
VSELECT
VBEST
P-DRIVE
HYSTCOMP
N-DRIVE
SW1
SW
VOUT
FB
R2
SD
SDB
3459 BD
R1
R
SD
THERMAL
SD
VSELECT
VBEST
VCC
P/~N
IZO
SDB
SD
N-DRIVE
P-DRIVE
QB
Q
QB
Q
RD
S
RD
S
QB
Q
REFERENCE
VCC
SHDN
GND
REFOK
OFF ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com