Electronic Components Datasheet Search
  English  ▼

X  

LTC3490 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3490
Description  Single Cell 350mA LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3490 Datasheet(HTML) 1 Page - Linear Technology

  LTC3490 Datasheet HTML 1Page - Linear Technology LTC3490 Datasheet HTML 2Page - Linear Technology LTC3490 Datasheet HTML 3Page - Linear Technology LTC3490 Datasheet HTML 4Page - Linear Technology LTC3490 Datasheet HTML 5Page - Linear Technology LTC3490 Datasheet HTML 6Page - Linear Technology LTC3490 Datasheet HTML 7Page - Linear Technology LTC3490 Datasheet HTML 8Page - Linear Technology LTC3490 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC3490
3490fa
■
Portable Lighting
■ Rechargeable Flashlights
Single Cell Minimum Component LED Driver
Single Cell 350mA
LED Driver
■
350mA Constant Current Output
■
2.8V to 4V Output Compliance
■
1- or 2-Cell NiMH or Alkaline Input
■
Synchronous Rectification: Up to 90% Efficiency
■
Fixed Frequency Operation: 1.3MHz
■
Low Quiescent Current: <1mA
■
Very Low Shutdown Current: <50
µA
■
Open LED Output Limited to 4.7V
■
VIN Range: 1V to 3.2V
■
Dimming Control
■
Undervoltage Lockout to Protect Batteries
■
Low Profile (0.75mm) 3mm
× 3mm Thermally
Enhanced 8-Lead DD and S8 Packages
Efficiency vs VIN at VLED = 3.5V
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®3490 provides a constant current drive for 1W
LED applications. It is a high efficiency boost converter
that operates from 1 or 2 NiMH or alkaline cells and
generates 350mA of constant current with up to 4V of
compliance. It contains a 100m
Ω NFET switch and a
130m
Ω PFET synchronous rectifier. The fixed switching
frequency is internally set to 1.3MHz.
The LTC3490 limits the output voltage to 4.7V if the output
load is disconnected. It also features an analog dimming
capability that reduces the drive current proportional to
the CTRL/SHDN pin voltage. A low-battery logic output
signals when the battery has dropped below 1V/cell. An
undervoltage lockout circuit shuts down the LTC3490
when the battery voltage drops below 0.85V/cell. The
feedback loop is internally compensated to minimize com-
ponent count.
+
SW
CAP
ON/OFF
LED
1 NiMH OR
ALKALINE
CELL
4.7
µF
LOBAT
3490 TA01
VIN
CTRL/SHDN
CELLS
1M
HIGH
CURRENT
LED
GND
LTC3490
3.3
µH
350mA
VIN (V)
1
0
10
30
40
50
100
70
1.5
2
3490 TA02
20
80
90
60
2.5
3
IOUT = 350mA
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC3490

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
Single Cell 350mA LED Driver
LTC3490EDD LINER-LTC3490EDD Datasheet
160Kb / 12P
Single Cell 350mA LED Driver
LTC3490ES8 LINER-LTC3490ES8 Datasheet
160Kb / 12P
Single Cell 350mA LED Driver
More results

Similar Description - LTC3490

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350_07 Datasheet
727Kb / 24P
350mA LED driver with internal switch
logo
Silan Microelectronics ...
SD42351NA SILAN-SD42351NA Datasheet
334Kb / 4P
350MA WHITE SINGLE LED DRIVER
logo
Diodes Incorporated
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
Single or multi cell LED driver solution
SEPTEMBER 2007
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350 Datasheet
339Kb / 15P
350mA, LED Lighting Driver
UM1350 UNIONSEMI-UM1350_14 Datasheet
368Kb / 15P
350mA, LED Lighting Driver
logo
Diodes Incorporated
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
Rev 1
ZXLD1350Q DIODES-ZXLD1350Q_17 Datasheet
767Kb / 21P
AUTOMOTIVE COMPLIANT 350mA BUCK LED DRIVER
Rev 2
logo
First Silicon Co., Ltd
FC1350 FS-FC1350 Datasheet
136Kb / 3P
350mA LED Lighting Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com