Electronic Components Datasheet Search
  English  ▼

X  

LTC3450 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3450
Description  Triple Output Power Supply for Small TFT-LCD Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3450 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3450 Datasheet HTML 4Page - Linear Technology LTC3450 Datasheet HTML 5Page - Linear Technology LTC3450 Datasheet HTML 6Page - Linear Technology LTC3450 Datasheet HTML 7Page - Linear Technology LTC3450 Datasheet HTML 8Page - Linear Technology LTC3450 Datasheet HTML 9Page - Linear Technology LTC3450 Datasheet HTML 10Page - Linear Technology LTC3450 Datasheet HTML 11Page - Linear Technology LTC3450 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC3450
10
3450fa
APPLICATIO S I FOR ATIO
Figure 3. Suggested Layout
TYPICAL APPLICATIO
CF1
0.1µF
C1
2.2µF
VIN
1.5V TO
4.6V
D1, D2: DUAL SCHOTTKY DIODE, PANASONIC MA704WKCT
L1: SUMIDA CMD4D08-470
AVDD
5.1V/10mA
VGH
15V/500µA
D1
D2
VGL
–15V/500µA
3450 TA02
CF3
0.1µF
CF2
0.1µF
11
10
14
13
V2X
V3X
VINV
VIN
MODE
SW
VOUT
VNEG C3
– C3+
LTC3450
GND
12
15
16
1
2
3
6
5
OFF ON
BLANK SCAN
L1
47µH
4
9
C2
2.2µF
0.1µF
C4
0.47µF
C6
0.1µF
C5
0.1µF
7
8
C1+
C1–
C2+
C2–
SHDN
5.1V, –15V, 15V Triple Output TFT-LCD Supply
VNEG
NOTE: QFN PACKAGE EXPOSED PAD
IS CONNECTED TO THE VNEG PIN.
DO NOT CONNECT EXPOSED PAD TO GROUND
MODE
SHDN
3450 F03
VOUT
GND
VIN
V3X
JUMPER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com