Electronic Components Datasheet Search
  English  ▼

X  

KIA7806AP Datasheet(PDF) 13 Page - KEC(Korea Electronics)

Part # KIA7806AP
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7806AP Datasheet(HTML) 13 Page - KEC(Korea Electronics)

Back Button KIA7806AP Datasheet HTML 9Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 10Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 11Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 12Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 13Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 14Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 15Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 16Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 17Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2010. 5. 19
13/20
KIA7805AP~KIA7824AP
Revision No : 1
KIA7824AP
ELECTRICAL CHARACTERISTICS (VIN=33V, IOUT=500mA, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Fig. 1
Tj=25 , IOUT=100mA
23.0
24.0
25.0
V
Input Regulation
Reg line
Fig. 1
Tj=25
27V
VIN 38V
-
18
480
mV
30V
VIN 36V
-
6
240
Load Regulation
Reg load
Fig. 1
Tj=25
5mA
IOUT 1.5A
-
12
480
mV
250mA
IOUT 750mA
-
4
240
Output Voltage
VOUT
Fig. 1
27V
VIN 38V
22.8
-
25.2
V
Quiescent Current
IB
Fig. 1
Tj=25 , IOUT=5mA
-
4.6
8.0
mA
Quiescent Current Change
IB
Fig. 1
27V
VIN 38V
-
-
1.0
mA
Output Noise Voltage
VNO
Fig. 2
Ta=25
, 10Hz
f
100kHz
-
150
-
Vrms
Ripple Rejection Ratio
RR
Fig. 3
f=120Hz, 28V
VIN 38V,
50
66
-
dB
Dropout Voltage
VD
Fig. 1
IOUT=1.0A, Tj=25
-
2.0
-
V
Short Circuit Current Limit
ISC
Fig. 1
Tj=25
-
0.3
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
Fig. 1
IOUT=5mA, 0
Tj 125
-
-3.5
-
mV/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com