Electronic Components Datasheet Search
  English  ▼

X  

LT1081 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1081
Description  Advanced Low Power 5V RS232 Dual Driver/Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1081 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1081 Datasheet HTML 2Page - Linear Technology LT1081 Datasheet HTML 3Page - Linear Technology LT1081 Datasheet HTML 4Page - Linear Technology LT1081 Datasheet HTML 5Page - Linear Technology LT1081 Datasheet HTML 6Page - Linear Technology LT1081 Datasheet HTML 7Page - Linear Technology LT1081 Datasheet HTML 8Page - Linear Technology LT1081 Datasheet HTML 9Page - Linear Technology LT1081 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1080/LT1081
10801fe
APPLICATIO S I FOR ATIO
The driver output stage of the LT1080 offers significantly
improved protection over older bipolar and CMOS de-
signs. In addition to current limiting, the driver output can
be externally forced to
±30V with no damage or excessive
current flow, and will not disrupt the supplies. Some
drivers have diodes connected between the outputs and
the supplies, so externally applied voltages can cause
excessive supply voltage to develop.
Placing the LT1080 in the SHUTDOWN mode (Pin 18 low)
puts both the driver and receiver outputs in a high imped-
ance state. This allows data line sharing and transceiver
applications.
The SHUTDOWN mode also drops input supply current
(VCC; Pin 17) to zero for power-conscious systems.
1080/81 F03
LT1080 #1
DRIVER
LOGIC
TRANSMIT/RECEIVE
LINE
RS232
TRANSMIT/RECEIVE
LINE
LOGIC
INVERTER
ON/OFF
(TRANSMIT/
RECEIVE)
INPUT
LT1080 #2
RECEIVER
30V
–30V
OUTPUT CAN
BE FORCED
EXTERNALLY
1080/81 F01
LT1080/LT1081 Driver
Transceiver
Sharing a Receiver Line
Sharing a Transmitter Line
Older RS232 Drivers and CMOS Drivers
V+
V–
WITH SOME DRIVERS,
EXTERNALLY APPLIED
VOLTAGE CAN FORCE
THE SUPPLIES
1080/81 F02
LT1080 #1
RECEIVER
1080/81 F04
RS232
INPUT A
RS232
INPUT B
LOGIC
OUTPUT
LOGIC
INVERTER
ON/OFF
(CHANNEL
SELECT)
INPUT
LT1080 #2
RECEIVER
LT1080 #1
DRIVER
LOGIC
INPUT A
LOGIC
INPUT B
RS232
TRANSMISSION
LINE
LT1080 #2
DRIVER
1080/81 F05
LOGIC
INVERTER
ON/OFF
(CHANNEL
SELECT)
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com