Electronic Components Datasheet Search
  English  ▼

X  

S52001M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # S52001M
Description  External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 1M (3-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

S52001M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  S52001M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved S52001M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
External SAS Cable, 4 Lane - mini-SAS (SFF-8088)
to 4xInfiniband (SFF-8470), 1M (3-ft.)
MODEL NUMBER: S520-01M
Description
Tripp Lite's S520-01M External SAS Cable features "mini-SAS" SFF-8088 to SFF-8470 connectors with heavy- duty metal backshells. This 4-channel cable is
constructed with a high-performance Infiniband cable, which features individually shielded parallel pairs, double EMI/RFI shielding and 6.0 Gigabytes per
second performance. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases.
Features
External SAS Cable, Mini-SAS SFF-8088 (iSAS) to SFF-8470 - 1 Meter
Made with High-Performance Infiniband Cable
Supports data transfer rates from 3.0 up to 6.0 gigabytes per second
SFF-8470 thumbscrew type connector and SFF-8088 connector in die cast zinc housing for durability
RoHS compliant
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
OVERVIEW
Cable Type
SAS
INPUT
Cable Length (ft.)
3
Cable Length (m)
0.91
PHYSICAL
Color
Black
Highlights
Hi-Performance 1 Meter SAS
External Cable
Mini-SAS SFF-8088 (iSAS) to
SFF-8470
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
System Requirements
SAS Controllers, SAS Chassis,
SAS/SATA Hard Drives
Package Includes
SAS External SFF-8088 to
SFF-8470 Cable
1 / 2


Similar Part No. - S52001M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
S52002M TRIPPLITE-S52002M Datasheet
491Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 2M (6-ft)
S52003M TRIPPLITE-S52003M Datasheet
491Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 3M (10-ft.)
More results

Similar Description - S52001M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
S52002M TRIPPLITE-S52002M Datasheet
491Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 2M (6-ft)
S52003M TRIPPLITE-S52003M Datasheet
491Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 3M (10-ft.)
S52201M TRIPPLITE-S52201M Datasheet
495Kb / 2P
External SAS Cable, 4 Lane - 4xInfiniband (SFF-8470) to 4xInfiniband (SFF-8470), 1M (3-ft.)
S52401M TRIPPLITE-S52401M Datasheet
485Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to mini-SAS (SFF-8088), 1M (3-ft.)
S52402M TRIPPLITE-S52402M Datasheet
491Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to mini-SAS (SFF-8088), 2M (6-ft.)
S520-01M TRIPPLITE-S520-01M Datasheet
159Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 1M (3-ft.), TAA
S520-02M TRIPPLITE-S520-02M Datasheet
160Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 2M (6-ft.), TAA
S520-03M TRIPPLITE-S520-03M Datasheet
160Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 3M (10-ft.)
S522-01M TRIPPLITE-S522-01M Datasheet
162Kb / 2P
External SAS Cable, 4 Lane - 4xInfiniband (SFF-8470) to 4xInfiniband (SFF-8470), 1M (3-ft.)
S524-01M TRIPPLITE-S524-01M Datasheet
159Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to mini-SAS (SFF-8088), 1M (3-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com