Electronic Components Datasheet Search
  English  ▼

X  

LT1491 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1491
Description  Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1491 Datasheet(HTML) 5 Page - Linear Technology

  LT1491 Datasheet HTML 1Page - Linear Technology LT1491 Datasheet HTML 2Page - Linear Technology LT1491 Datasheet HTML 3Page - Linear Technology LT1491 Datasheet HTML 4Page - Linear Technology LT1491 Datasheet HTML 5Page - Linear Technology LT1491 Datasheet HTML 6Page - Linear Technology LT1491 Datasheet HTML 7Page - Linear Technology LT1491 Datasheet HTML 8Page - Linear Technology LT1491 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1490/LT1491
TOTAL SUPPLY VOLTAGE (V)
0
0
10
30
40
50
70
10
20
25
45
1490/91 G01
20
80
60
515
30
35
40
TA = 125°C
TA = 25°C
TA = –55°C
Supply Current vs Supply Voltage
COMMON MODE VOLTAGE (V)
4.0
2000
6000
5.6
1490/91 G03
30
10
4000
20
0
–10
4.4
4.8
5.2
44
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V, 0V
TOTAL SUPPLY VOLTAGE (V)
0
200
400
4
1490/91 G02
0
–200
100
300
–100
–300
– 400
1
2
3
5
TA = 25°C
TA = 125°C
TA = –55°C
Minimum Supply Voltage
Input Bias Current
vs Common Mode Voltage
Output Saturation Voltage
vs Input Overdrive
SOURCING LOAD CURRENT (mA)
0.001
0.01
0.1
1
10
0.01
0.1
1
1490/90 G04
VS = ±2.5V
VOD = 30mV
TA = –55°C
TA = 125°C
TA = 25°C
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
SINKING LOAD CURRENT (mA)
0.001
0.01
0.1
1
10
0.01
0.1
1
1490/90 G05
VS = ±2.5V
VOD = 30mV
TA = –55°C
TA = 125°C
TA = 25°C
INPUT OVERDRIVE (mV)
0
60
80
100
80
1490/91 G06
40
20
50
70
90
30
10
0
20
40
60
10
90
30
50
70
100
VS = ±2.5V
NO LOAD
OUTPUT HIGH
OUTPUT LOW
0.1Hz to 10Hz Noise Voltage
FREQUENCY (Hz)
1
40
50
60
70
10
100
1k
1490/91 G08
30
80
FREQUENCY (Hz)
1
10
100
1k
1490/91 G09
0.20
0.25
0.30
0.35
0.15
0.10
0.05
0
TIME (SEC)
24
6
8
1490 G07
10
1
03
5
7
9
VS = ±2.5V
Noise Voltage Density
vs Frequency
Input Noise Current vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com