Electronic Components Datasheet Search
  English  ▼

X  

LT1615 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1615
Description  Micropower Step-Up DC/DC Converters in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1615 Datasheet(HTML) 4 Page - Linear Technology

  LT1615 Datasheet HTML 1Page - Linear Technology LT1615 Datasheet HTML 2Page - Linear Technology LT1615 Datasheet HTML 3Page - Linear Technology LT1615 Datasheet HTML 4Page - Linear Technology LT1615 Datasheet HTML 5Page - Linear Technology LT1615 Datasheet HTML 6Page - Linear Technology LT1615 Datasheet HTML 7Page - Linear Technology LT1615 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1615/LT1615-1
sn16151 16151fas
BLOCK DIAGRA
Figure 1. LT1615 Block Diagram
–
+
–
+
5
400ns
ONE-SHOT
DRIVER
RESET
ENABLE
42mV*
0.12
Ω
A2
A1
Q3
2
R4
140k
R3
30k
R6
40k
R5
40k
Q2
X10
Q1
3
VIN
FB
4
SHDN
1
SW
GND
1615/-1 BD
L1
C2
VOUT
VIN
D1
R2
(EXTERNAL)
R1
(EXTERNAL)
VOUT
C1
* 12mV FOR LT1615-1
OPERATIO
The LT1615 uses a constant off-time control scheme to
provide high efficiencies over a wide range of output
current. Operation can be best understood by referring to
the block diagram in Figure 1. Q1 and Q2 along with R3 and
R4 form a bandgap reference used to regulate the output
voltage. When the voltage at the FB pin is slightly above
1.23V, comparator A1 disables most of the internal cir-
cuitry. Output current is then provided by capacitor C2,
which slowly discharges until the voltage at the FB pin
drops below the lower hysteresis point of A1 (typical
hysteresis at the FB pin is 8mV). A1 then enables the
internal circuitry, turns on power switch Q3, and the
current in inductor L1 begins ramping up. Once the switch
current reaches 350mA, comparator A2 resets the one-
shot, which turns off Q3 for 400ns. L1 then delivers
current to the output through diode D1 as the inductor
current ramps down. Q3 turns on again and the inductor
current ramps back up to 350mA, then A2 resets the one-
shot, again allowing L1 to deliver current to the output.
This switching action continues until the output voltage is
charged up (until the FB pin reaches 1.23V), then A1 turns
off the internal circuitry and the cycle repeats. The LT1615
contains additional circuitry to provide protection during
start-up and under short-circuit conditions. When the FB
pin voltage is less than approximately 600mV, the switch
off-time is increased to 1.5
µs and the current limit is
reduced to around 250mA (70% of its normal value). This
reduces the average inductor current and helps minimize
the power dissipation in the LT1615 power switch and in
the external inductor and diode. The LT1615-1 operates in
the same manner, except the switch current is limited to
100mA (the A2 reference voltage is 12mV instead of
42mV).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com