Electronic Components Datasheet Search
  English  ▼

X  

LT1621 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1621
Description  Rail-to-Rail Current Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1621 Datasheet(HTML) 2 Page - Linear Technology

  LT1621_15 Datasheet HTML 1Page - Linear Technology LT1621_15 Datasheet HTML 2Page - Linear Technology LT1621_15 Datasheet HTML 3Page - Linear Technology LT1621_15 Datasheet HTML 4Page - Linear Technology LT1621_15 Datasheet HTML 5Page - Linear Technology LT1621_15 Datasheet HTML 6Page - Linear Technology LT1621_15 Datasheet HTML 7Page - Linear Technology LT1621_15 Datasheet HTML 8Page - Linear Technology LT1621_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1620/LT1621
A
G
A
U
A
R
BSOLUTEXI
TI
S
Power Supply Voltage: VCC ..........................– 0.3V to 7V
Programming Voltage:
PROG, PROG2 ............ – 0.3V to VCC + 0.3V (7V Max)
IOUT, SENSE, AVG, AVG2,
MODE Voltage ................ – 0.3V to VCC + 0.3V (7V Max)
(Referenced to Ground) (Note 1)
Sense Amplifier Input Common Mode ....... – 0.3V to 36V
Operating Ambient Temperature Range
Commercial ............................................ 0
°C to 70°C
Industrial ............................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
ORDER PART NUMBER
θJA = 149°C/W
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SENSE
NC
IOUT
NC
GND
MODE
NC
IN–
AVG
NC
PROG
PROG2
AVG2
VCC
NC
IN+
θJA = 149°C/W
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PROG A
AVG A
SENSE A
IOUT A
GND B
IN– B
IN+ B
VCC B
VCC A
IN+ A
IN– A
GND A
IOUT B
SENSE B
AVG B
PROG B
LT1620CGN
LT1620IGN
LT1621CGN
LT1621IGN
1
2
3
4
8
7
6
5
TOP VIEW
AVG
PROG
VCC
IN+
SENSE
IOUT
GND
IN–
MS8 PACKAGE
8-LEAD PLASTIC MSOP
S8 PACKAGE
8-LEAD PLASTIC SO
ORDER PART NUMBER
MS8 PART MARKING
BC
Consult factory for Military grade parts.
VIN+ = 16.8V, VCC = 5V, VIOUT = 2V, TA = 25°C unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply
VCC
5V Supply Voltage
q
4.5
5.0
5.5
V
ICC
DC Active Supply Current
SENSE = AVG = PROG = PROG2 = VCC
2.8
3.8
mA
LT1620GN
4.5V
≤ VCC ≤ 5.5V, IN+ – IN– = 100mV
q
4.0
mA
DC Active Supply Current
SENSE = AVG = PROG = VCC
2.3
3.3
mA
LT1620S8, LT1620MS8, 1/2 LT1621GN 4.5V
≤ VCC ≤ 5.5V, IN+ – IN– = 100mV
q
3.7
mA
DC Active Supply Current
SENSE = AVG = PROG = VCC
1.3
1.9
mA
LT1620S8, LT1620MS8, 1/2 LT1621GN 4.5V
≤ VCC ≤ 5.5V, IN+ – IN– = 0mV
q
2.1
mA
Current Sense Amplifier
VCM
Input Common Mode Range
q
032
V
VID
Differential Input Voltage Range
0V
≤ VCM ≤ 32V
q
0
125
mV
(IN+ – IN–)
VOSSENSE Input Offset - Measured at ×1 Output
VCC ≤ VCM ≤ 32V
– 5
5
mV
(VSENSE)VID = 80mV
q
–6
6
mV
ELECTRICAL C
C
HARA TERISTICS
LT1620CS8
LT1620IS8
LT1620CMS8
θJA = 250°C/W (MS)
θJA = 120°C/W (S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com