Electronic Components Datasheet Search
  English  ▼

X  

LT1621 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1621
Description  Rail-to-Rail Current Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1621 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1621 Datasheet HTML 3Page - Linear Technology LT1621 Datasheet HTML 4Page - Linear Technology LT1621 Datasheet HTML 5Page - Linear Technology LT1621 Datasheet HTML 6Page - Linear Technology LT1621 Datasheet HTML 7Page - Linear Technology LT1621 Datasheet HTML 8Page - Linear Technology LT1621 Datasheet HTML 9Page - Linear Technology LT1621 Datasheet HTML 10Page - Linear Technology LT1621 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1620/LT1621
APPLICATIONS INFORMATION
between the IN+ and IN– inputs. Effective decoupling of
supply rails is also imperative in these types of circuits, as
large current transients are the norm. Power supply
decoupling should be placed as close as possible to the
ICs, and each IC should have a dedicated capacitor.
Design Equations
Sense resistor: RSENSE = VID/IMAX
Current limit programming voltage:
VPROG = VCC –[(10)(VID)]
Voltage feedback resistors:
RF1/RF2 = (VBATT(FLOAT) – 1.19)/1.19
End-of-Cycle Flag Application
Figure 3 illustrates additional connections using the
LT1620GN, including the end-of-cycle (EOC) flag feature.
The EOC threshold is used to notify the user when the
required load current has fallen to a programmed value,
usually a given percentage of maximum load.
The end-of-cycle output (MODE) is an open-collector pull-
down; the circuit in Figure 3 uses a 10k pull-up resistor on
the MODE pin, connected to VCC.
The EOC flag threshold is determined through program-
ming VPROG2. The magnitude of this threshold corre-
sponds to 20 times the voltage across the sense amplifier
inputs.
As mentioned in the previous circuit discussion, the
charging current level is set to correspond to a sense
voltage of 80mV. The circuit in Figure 3 uses a resistor
divider to create a programming voltage (VCC –VPROG2)of
0.5V. The MODE flag will therefore trip when the charging
current sense voltage has fallen to 0.5V/20 or 0.025V.
Thus, the end-of-cycle flag will trip when the charging
current has been reduced to about 30% of the maximum
value.
Input Current Sensing Application
Monitoring the load placed on the VIN supply of a charging
system is achieved by placing a second current sense
resistor in front of the charger VIN input. This function is
useful for systems that will overstress the input supply
(wall adapter, etc.) if both battery charging and other
system functions simultaneously require high currents.
This allows use of input supply systems that are capable
of driving full-load battery charging and full-load system
requirements, but not simultaneously. If the input supply
current exceeds a predetermined value due to a combina-
tion of high battery charge current and external system
demand, the input current sense function automatically
Figure 3. End-of-Cycle Flag Implementation with LT1620GN
Figure 4. Input Current Sensing Application
AVG
PROG
PROG2
AVG2
VCC
IN+
SENSE
IOUT
VEE
MODE
IN–
LT1620GN
LT1620/21 • F03
CONNECTED AS IN FIGURE 2
R1
5.5k
R2
50k
C2
3.3
µF
C1, 3.3
µF
R3
10k
END-OF-CYCLE
(ACTIVE LOW)
+
AVG
PROG
VCC
IN+
SENSE
LT1620MS8
1
2
3
4
8
7
IOUT
GND
IN–
6
5
VSW
7
VIN
5
81
VFB
6
S/S
2
IFB
4
GND
GND
TAB
3
C1
1
µF
22
µF
RP1
3k
1%
RP2
12k
1%
C2
1
µF
R1
0.033
Ω
L1B
10
µH
22
µF
TO
SYSTEM LOAD
4.7
µF
L1A
10
µH
24
Ω
VC
0.22
µF
0.1
µF
X7R
LT1513
RUN
5V
57k
6.4k
22
µF
× 2
MBRS340
VBATT = 12.3V
1620/21 • F04
RSENSE
0.1
Ω
+
+
+
Li-ION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com