Electronic Components Datasheet Search
  English  ▼

X  

LTC5507 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5507
Description  100kHz to 1GHz RF Power Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5507 Datasheet(HTML) 1 Page - Linear Technology

  LTC5507 Datasheet HTML 1Page - Linear Technology LTC5507 Datasheet HTML 2Page - Linear Technology LTC5507 Datasheet HTML 3Page - Linear Technology LTC5507 Datasheet HTML 4Page - Linear Technology LTC5507 Datasheet HTML 5Page - Linear Technology LTC5507 Datasheet HTML 6Page - Linear Technology LTC5507 Datasheet HTML 7Page - Linear Technology LTC5507 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC5507
1
5507f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
s
Wireless Transceivers
s
Wireless and Cable Infrastructure
s
RF Power Alarm
s
Envelope Detector
s
Temperature Compensated Internal Schottky
Diode RF Detector
s
Wide Input Power Range: –34dBm to 14dBm
s
Ultra Wide Input Frequency Range: 100kHz to
1000MHz
s
Buffered Output
s
Wide VCC Range of 2.7V to 6V
s
Low Operating Current: 550
µA
s
Low Shutdown Current: <2
µA
s
Low Profile (1mm) ThinSOT
TM Package
100kHz to 1GHz
RF Power Detector
The LTC
®5507 is an RF power detector for applications
operating from 100kHz to 1000MHz. The input frequency
range is determined by an external capacitor. A tempera-
ture-compensated Schottky diode peak detector and buffer
amplifier are combined in a small 6-pin ThinSOT package.
The RF input voltage is peak detected using an on-chip
Schottky diode and external capacitor. The detected volt-
age is buffered and supplied to the VOUT pin. A power
saving shutdown mode reduces supply current to less
than 2
µA.
, LTC and LT are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation
5507 TA01
VOUT
GND
SHDN
VCC
PCAP
RFIN
LTC5507
4
5
6
3
2
1
VOUT
DETECTED
VOLTAGE
VBAT
2.7V TO 6V
C2
C1
RF
INPUT
DISABLE ENABLE
Figure 1. 100kHz to 1000MHz RF Power Detector
Typical Detector Characteristics
at 100kHz, 100MHz and 1000MHz
RF INPUT POWER (dBm)
10000
5507 TA01b
100
1000
–26
6
14
–2
–10
–18
–34
100kHz, 100MHz
1000MHz
TA = 25°C
VCC = 2.7V TO 6V


Similar Part No. - LTC5507

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5507 LINER-LTC5507 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5507 LINER-LTC5507 Datasheet
130Kb / 8P
100kHz to 1GHz RF Power Detector
LTC5507 LINER-LTC5507 Datasheet
151Kb / 12P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5507 LINER-LTC5507 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5507 LINER-LTC5507 Datasheet
194Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
More results

Similar Description - LTC5507

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5533 LINER-LTC5533 Datasheet
241Kb / 12P
300MHz to 11GHz Precision Dual RF Power Detector
logo
Maxim Integrated Produc...
MAX2204 MAXIM-MAX2204 Datasheet
150Kb / 7P
RF Power Detector
Rev 0; 4/07
logo
Linear Technology
LTC5507 LINER-LTC5507 Datasheet
130Kb / 8P
100kHz to 1GHz RF Power Detector
logo
Maxim Integrated Produc...
MAX2209 MAXIM-MAX2209 Datasheet
1Mb / 5P
RF Power Detector
Rev 0; 10/09
logo
Texas Instruments
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ADET-5000 AVAGO-ADET-5000 Datasheet
257Kb / 6P
RF Power Detector
logo
Linear Technology
LTC5533 LINER-LTC5533_15 Datasheet
251Kb / 12P
300MHz to 11GHz Precision Dual RF Power Detector
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6408 AVAGO-AMMC-6408 Datasheet
589Kb / 12P
Integrated RF power detector
AMMC-6440 AVAGO-AMMC-6440 Datasheet
226Kb / 8P
Integrated RF power detector
logo
Linear Technology
LTC6432-15 LINER-LTC6432-15 Datasheet
263Kb / 8P
100kHz to 1000MHz Differential ADC Driver/IF/RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com