Electronic Components Datasheet Search
  English  ▼

X  

LTC5530 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5530
Description  Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5530 Datasheet(HTML) 4 Page - Linear Technology

  LTC5530 Datasheet HTML 1Page - Linear Technology LTC5530 Datasheet HTML 2Page - Linear Technology LTC5530 Datasheet HTML 3Page - Linear Technology LTC5530 Datasheet HTML 4Page - Linear Technology LTC5530 Datasheet HTML 5Page - Linear Technology LTC5530 Datasheet HTML 6Page - Linear Technology LTC5530 Datasheet HTML 7Page - Linear Technology LTC5530 Datasheet HTML 8Page - Linear Technology LTC5530 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC5530
4
5530f
TYPICAL PERFOR A CE CHARACTERISTICS
Typical Detector Characteristics,
6000MHz
Typical Detector Characteristics,
7000MHz
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5530 G10
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
TA = –40°C
TA = 85°C
VCC = 3.6V
GAIN = 2
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5530 G11
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
TA = –40°C
TA = 85°C
VCC = 3.6V
GAIN = 2
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5530 G12
–32 –28 –24 –20 –16 –12 –8
–4
0
4
TA = –40°C
TA = 85°C
VCC = 3.6V
GAIN = 4
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5530 G13
–32 –28 –24 –20 –16 –12 –8
–4
0
4
TA = –40°C
TA = 85°C
VCC = 3.6V
GAIN = 4
TA = 25°C
Typical Detector Characteristics,
300MHz
Typical Detector Characteristics,
1000MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com