Electronic Components Datasheet Search
  English  ▼

X  

7806 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # 7806
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

7806 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  7806 Datasheet HTML 1Page - KEC(Korea Electronics) 7806 Datasheet HTML 2Page - KEC(Korea Electronics) 7806 Datasheet HTML 3Page - KEC(Korea Electronics) 7806 Datasheet HTML 4Page - KEC(Korea Electronics) 7806 Datasheet HTML 5Page - KEC(Korea Electronics) 7806 Datasheet HTML 6Page - KEC(Korea Electronics) 7806 Datasheet HTML 7Page - KEC(Korea Electronics) 7806 Datasheet HTML 8Page - KEC(Korea Electronics) 7806 Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2010. 5. 19
1/20
SEMICONDUCTOR
TECHNICAL DATA
KIA7805AP~KIA7824AP
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 1
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V.
FEATURES
Internal Thermal Overload Protection.
Internal Short Circuit Current Limiting.
Output Current up to 1.5A.
Satisfies IEC-65 Specification. (International Electronical Commission).
Package is TO-220AB
DIM
MILLIMETERS
TO-220AB
1.46
A
B
C
D
E
F
G
H
J
K
M
N
O
0.8 0.1
+
_
2.8 0.1
+
_
2.54 0.2
+
_
1.27 0.1
+
_
1.4 0.1
+
_
13.08 0.3
+
_
3.6
0.2
+
_
+
_
9.9
0.2
+
_
9.2
0.2
+
_
4.5
0.2
+
_
2.4
0.2
15.95 MAX
1.3+0.1/-0.05
0.5+0.1/-0.05
3.7
1.5
A
F
B
J
G
K
M
L
L
E
I
I
O
C
H
NN
Q
D
Q
P
P
1
2
3
1. INPUT
3. OUTPUT
2. GND
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
KIA7805
KIA7815
VIN
35
V
KIA7818
KIA7824
40
Power Dissipation-1
(No Heatsink)
AP
PD2
1.9
W
Power Dissipation-2
(Infinite Heatsink)
AP
PD2
30
Operating Junction Temperature
Tj
-40
150
Storage Temperature
Tstg
-55
150
Maximum Junction Tamperature
Tj(max)
150
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA7805AP
5
V
KIA7806AP
6
KIA7807AP
7
KIA7808AP
8
KIA7809AP
9
KIA7810AP
10
KIA7812AP
12
KIA7815AP
15
KIA7818AP
18
KIA7820AP
20
KIA7824AP
24
LINE-UP


Similar Part No. - 7806

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
7806 MOTOROLA-7806 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
7806 ETC1-7806 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Sonardyne sound in dept...
7806 SONARDYNE-7806 Datasheet
94Kb / 2P
Compatt Mk4 MF Directional (Discontinued)
logo
List of Unclassifed Man...
7806 ETC2-7806 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
3-terminal 1 A positive voltage regulator
More results

Similar Description - 7806

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com