Electronic Components Datasheet Search
  English  ▼

X  

AN4339 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 2Page - STMicroelectronics AN4339 Datasheet HTML 3Page - STMicroelectronics AN4339 Datasheet HTML 4Page - STMicroelectronics AN4339 Datasheet HTML 5Page - STMicroelectronics AN4339 Datasheet HTML 6Page - STMicroelectronics AN4339 Datasheet HTML 7Page - STMicroelectronics AN4339 Datasheet HTML 8Page - STMicroelectronics AN4339 Datasheet HTML 9Page - STMicroelectronics AN4339 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Description
AN4339
6/27
DocID025039 Rev 1
Figure 3. PFC_OK function in PFC operation
PFC_OK function in flyback operation
The same pin can also be used in case of flyback converter to shutdown the converter either
in case of input overvoltage or output overvoltage. For input overvoltage protection, the pin
one can be biased using the resistor divider network at rectified DC voltage to activate input
overvoltage protection at the required mains OVP level. Referring to the circuit portion
below, R3, R4 composes the network to activate mains overvoltage shutdown, where small
capacitor C2 is used to average the DC value of sensing voltage at the PFC_OK pin. In the
schematic in Figure 10 on page 18 the biasing components R1, R6, R8 and R19 comprises
the input OVP detection circuit. The divider ratio is selected to provide 2.5 V at required
mains OVP level.
If output overvoltage protection is preferred instead of mains OVP, we can utilize the
auxiliary winding output, which is used to provide the operating voltage to the controller as
well as demagnetization input to ZCD. Since we get the reflection of output voltage at
auxiliary output supply so we can simply tap the signal for PFC_OK which is programmed to
2.5 V using resistor divider network at desired output OVP. This is achieved using the
resistor divider network R4 and R5 at auxiliary output supply in Figure 4. In our circuit we
have implemented input OVP protection network to bias PFC_OK. So the R14 in the
schematic is kept open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com