Electronic Components Datasheet Search
  English  ▼

X  

AN4350 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 12Page - STMicroelectronics AN4350 Datasheet HTML 13Page - STMicroelectronics AN4350 Datasheet HTML 14Page - STMicroelectronics AN4350 Datasheet HTML 15Page - STMicroelectronics AN4350 Datasheet HTML 16Page - STMicroelectronics AN4350 Datasheet HTML 17Page - STMicroelectronics AN4350 Datasheet HTML 18Page - STMicroelectronics AN4350 Datasheet HTML 19Page - STMicroelectronics AN4350 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Circuit description and design guidelines
AN4350
16/34
DocID025181 Rev 1
Equation 38
A capacitor between the COMP pin and ground can be also added to remove the high
frequency voltage ripple without impacting on the transfer function (i.e. adding a small
capacitor in the range of few nF).
Figure 6. Transfer function
2.7
System design tips
Starting from the estimated value using Equation 11, Equation 15, Equation 17, Equation 20,
Equation 37 and Equation 38, further fine tuning on the real LED driver board could be
necessary and it can be easily done considering that:
Decreasing the RPF resistor value, the power factor effect increases
Decreasing the ROS resistor value, the input current close to zero decreases
Decreasing the RSENSE resistor value, the maximum deliverable output current
increases
Increasing the CC compensation capacitor, the system phase margin increases and
voltage loop bandwidth decreases.
Decreasing the RC compensation resistor, the voltage loop gain/bandwidth decreases
and also the ripples on the COMP pin.
CC
1
RC 4  BWCV

-----------------------------------------------------
1
220
 4  5Hz

----------------------------------------------------------
74
F
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com