Electronic Components Datasheet Search
  English  ▼

X  

AN4394 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4394
Description  Evaluation board for SPV1050 ULP harvester
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4394 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4394 Datasheet HTML 7Page - STMicroelectronics AN4394 Datasheet HTML 8Page - STMicroelectronics AN4394 Datasheet HTML 9Page - STMicroelectronics AN4394 Datasheet HTML 10Page - STMicroelectronics AN4394 Datasheet HTML 11Page - STMicroelectronics AN4394 Datasheet HTML 12Page - STMicroelectronics AN4394 Datasheet HTML 13Page - STMicroelectronics AN4394 Datasheet HTML 14Page - STMicroelectronics AN4394 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID025512 Rev 1
11/18
AN4394
Component selection
18
4
Component selection
This section describes the application rules to be followed for properly selecting the
components around the SPV1050 device.
4.1
MPPT setting
The “Maximum Power Point” (MPP) is set through the input resistor partitioning R1, R2 and
R3.
As a preliminary rule, the voltage on the MPP pin (VMPP), which depends on the voltage
supplied by the selected source (VIN), must be ≤ VUVP (which is set by the output resistor
partitioning R3, R4, R5).
So, the following equation:
Equation 1
can be rewritten as follows:
Equation 2
VOC(MAX) stands for the maximum voltage that the source can supply (open circuit voltage).
Further, the MPPRATIO = VMPP_SET/VOC is set by the following equation:
Equation 3
Finally, the leakage on the input resistor partitioning must be negligible, hence typically it
must be:
Equation 4
10 M
 ≤ R1 + R2 + R3 ≤ 20 M
If the electrical characteristics of the selected source and battery are such that
VOC(MAX) ≤ VUVP, the resistor R1 can be simply replaced by a short-circuit. Consequently,
only R2 and R3 have to be selected for a proper setting of MPPRATIO.
For the PV panels the VMP is typically in the range between 70% and 80% of VOC.
For the TEG the VMPP_SET is equals to 50% of VOC, so the selection is R1 = 0 and R2 = R3.
VMPP
VIN
R2 R3
+
R1 R2 R3
++
------------------------------------ VUVP
=
VUVP VOC MAX

R2 R3
+
R1 R2 R3
++
------------------------------------
VMPP SET
VIN
R3
R1 R2 R3
++
------------------------------------
=
MPPRATIO VOC
R3
R1 R2 R3
++
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com