Electronic Components Datasheet Search
  English  ▼

X  

AN4414 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4414
Description  Anti-tampering ferrite less power supply for 3-phase energy meter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4414 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4414 Datasheet HTML 7Page - STMicroelectronics AN4414 Datasheet HTML 8Page - STMicroelectronics AN4414 Datasheet HTML 9Page - STMicroelectronics AN4414 Datasheet HTML 10Page - STMicroelectronics AN4414 Datasheet HTML 11Page - STMicroelectronics AN4414 Datasheet HTML 12Page - STMicroelectronics AN4414 Datasheet HTML 13Page - STMicroelectronics AN4414 Datasheet HTML 14Page - STMicroelectronics AN4414 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DocID025611 Rev 1
11/20
AN4414
Description of SMPS
20
Case 1
Assuming Lp = 400 µH
Equation 28
as
VR = 10 V,
so
Equation 29
Np is two times of Ns.
Using a lesser diameter wire (DCR will obviously be high, but select in order to have
it < 10 E in any case to avoid copper losses), a large number of turns can be accommodated
in the available bobbin. Here we can consider the EE19 bobbin. Common practice to fix this
type transformer specification is to wound primary turns as a selected AWG wire on the
bobbin till the required inductance (Lp) is not achieved. Freeze Np at desired Lp. Select
secondary turns, Ns = Np / n and auxiliary turns to maintain a minimum VCC bias voltage to
the device.
With Lp = 400 µH and Pout = 0.5 W in Table 3 are the test results:
Table 3. Test results
We can see that keeping the primary inductance as 400 µH, the drain current reaches to its
internal limit threshold level, which is not desirable as the device activates the hiccup mode
of operation at this current level, so we need to increase the primary inductance in
reasonable limits to avoid higher drain current.
Vmains (VAC) Ipkp (mA)
Turn-on time (ns)
Comments
80
175
700
-
120
210
Ton > Tonmin
-
180
290
Ton ~ Tonmin = 400
-
230
350
Ton ~ Tonmin = 400
-
265 and above
~ 400
Ton ~ Tonmin = 400
Device current reaches to Idlim and enters into
hiccup mode
n
VR
Vout VF
+
---------------------------
2
==
(ignoring VF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com