Electronic Components Datasheet Search
  English  ▼

X  

AN4496 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4496
Description  How to get a high power factor with the HVLED815PF device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4496 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4496 Datasheet HTML 10Page - STMicroelectronics AN4496 Datasheet HTML 11Page - STMicroelectronics AN4496 Datasheet HTML 12Page - STMicroelectronics AN4496 Datasheet HTML 13Page - STMicroelectronics AN4496 Datasheet HTML 14Page - STMicroelectronics AN4496 Datasheet HTML 15Page - STMicroelectronics AN4496 Datasheet HTML 16Page - STMicroelectronics AN4496 Datasheet HTML 17Page - STMicroelectronics AN4496 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Designing a high PF wide range LED driver with the HVLED815PF
AN4496
16/18
DocID026370 Rev 1
2.9
OVP protection
In Section 2.1 on page 10 the selected value VOUT_OVP = 29 V, then:
Equation 35
2.10
AC modulation
To obtain the high power factor and low THD, a signal proportional to rectified mains is
applied to the ILED pin.
The other components of the network that switching the range can be calculated, but the
non-linear behavior of Qr due the modulation of the Qr collector requires a fine tuning of the
network; using the next recommended value for the components, the only value to be
calculated is R3 to optimize the modulation at 85 - 90 V.
Equation 36
With:
Rp1 = Rp2 = 180 k
Rps = 120 k
Rpc = 51 k
Rpe = 15 k
Rr1 = Rr2 = 120 k
Rr3 = 62 k
Cr3 = 4.7 µF
Dr = BZV55-C20
Qr = MMBTA42
Real value used:
Rfb = 16k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com