Electronic Components Datasheet Search
  English  ▼

X  

AN4509 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4509
Description  Tilt measurement using a low-g 3-axis accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4509 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4509 Datasheet HTML 2Page - STMicroelectronics AN4509 Datasheet HTML 3Page - STMicroelectronics AN4509 Datasheet HTML 4Page - STMicroelectronics AN4509 Datasheet HTML 5Page - STMicroelectronics AN4509 Datasheet HTML 6Page - STMicroelectronics AN4509 Datasheet HTML 7Page - STMicroelectronics AN4509 Datasheet HTML 8Page - STMicroelectronics AN4509 Datasheet HTML 9Page - STMicroelectronics AN4509 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Calculating tilt angles
AN4509
6/10
DocID026445 Rev 1
1.2.2
Dual-axis tilt sensing
When a dual-axis tilt sensing approach is used, the user should be aware of two different
situations in which this approach could limit overall accuracy or even inhibit tilt calculation.
Figure 4, Example A: Rotate the accelerometer counter-clockwise around the dotted
arrow with
 angle. When  is less than 45°, the X-axis has higher sensitivity, while the
Y-axis has lower sensitivity. And when
 is greater than 45°, the X-axis has lower
sensitivity while the Y-axis has higher sensitivity. Therefore, when the two-axis
approach is used, it is always recommended to calculate the angle based on the
orthogonal axis to a ±1 g condition.
Figure 4, Example B: At this position, both the X and Y axes have high sensitivity.
However, without the help of a third axis (for example the Z-axis), it is impossible to
distinguish a tilt angle of 30° from one of 150° because the X-axis has the same
outputs at these two tilt angles.
Figure 4. Tilt sensitivity of a dual-axis accelerometer
Table 1. Tilt sensitivity of single axis accelerometer
Tilt [°]
Acceleration [g]
g /° [mg/°]
0
0.000
17.452
15
0.259
16.818
30
0.500
15.038
45
0.707
12.233
60
0.866
8.594
75
0.966
4.37
90
1.000
0.152



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com