Electronic Components Datasheet Search
  English  ▼

X  

UM1054 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1054
Description  STEVAL-ISB013V1 demonstration board based on the STC3105 battery monitor IC with alarm output for gas gauge applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1054 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1054 Datasheet HTML 2Page - STMicroelectronics UM1054 Datasheet HTML 3Page - STMicroelectronics UM1054 Datasheet HTML 4Page - STMicroelectronics UM1054 Datasheet HTML 5Page - STMicroelectronics UM1054 Datasheet HTML 6Page - STMicroelectronics UM1054 Datasheet HTML 7Page - STMicroelectronics UM1054 Datasheet HTML 8Page - STMicroelectronics UM1054 Datasheet HTML 9Page - STMicroelectronics UM1054 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UM1054
Demonstration board connections
Doc ID 18463 Rev 1
7/10
4
Demonstration board connections
The STC3105 demonstration board can be simply connected to a battery and interfaced
with a digital controller as shown in Figure 6.
Figure 6.
Demonstration board connections with battery and microcontroller
1.
The ALM, SDA, and SCL pins are pulled up to VCC through 4.7 k
Ω resistors. In order to pull up these pins
to external I/O voltage, the onboard pull-up resistors should be removed.
IO voltage = 1.8 V (or 2.8 V, 3.3 V...)
(1)
4.7 k
4.7 k
SDA
SCL
I2C master
AM045055v1
ALM
4.7 k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com