Electronic Components Datasheet Search
  English  ▼

X  

UM1062 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1062
Description  The PM8803 is a highly integrated device embedding
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1062 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1062 Datasheet HTML 23Page - STMicroelectronics UM1062 Datasheet HTML 24Page - STMicroelectronics UM1062 Datasheet HTML 25Page - STMicroelectronics UM1062 Datasheet HTML 26Page - STMicroelectronics UM1062 Datasheet HTML 27Page - STMicroelectronics UM1062 Datasheet HTML 28Page - STMicroelectronics UM1062 Datasheet HTML 29Page - STMicroelectronics UM1062 Datasheet HTML 30Page - STMicroelectronics UM1062 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
UM1062
Test results
Doc ID 018571 Rev 1
27/31
7.3.5
Line transient
Figure 23 depicts the effect of a line transient on the PoE converter. A 12 V step on a 42 V
input PoE line (green trace) is shown. The hot-swap MOSFET (yellow trace) withstands the
transient while the input current (pink trace) is limited during the input capacitor charge; the
converter continues to work and the output voltage (blue trace) remains in regulation.
Figure 23.
Effect of a 12 V line transient on the converter at 4 A load
Figure 24.
Effect of a 12 V line transient on the converter at 0 A load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com