Electronic Components Datasheet Search
  English  ▼

X  

UM1477 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1477
Description  The STEVAL-IFN004V1 is a demonstration board based
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1477 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1477 Datasheet HTML 10Page - STMicroelectronics UM1477 Datasheet HTML 11Page - STMicroelectronics UM1477 Datasheet HTML 12Page - STMicroelectronics UM1477 Datasheet HTML 13Page - STMicroelectronics UM1477 Datasheet HTML 14Page - STMicroelectronics UM1477 Datasheet HTML 15Page - STMicroelectronics UM1477 Datasheet HTML 16Page - STMicroelectronics UM1477 Datasheet HTML 17Page - STMicroelectronics UM1477 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
General description
UM1477
14/22
Doc ID 022373 Rev 1
4.4
Motor position feedback
The MCU must provide the signals to direct the motor rotation and it then requires a means
of determining the rotor's orientation/position (relative to the stator coils).
Some designs use Hall effect sensors or a rotary encoder to directly measure the rotor's
position. Others measure the back EMF in the undriven phase to gather the rotor position,
eliminating the need for separate Hall effect sensors; this method is called sensorless
control.
This board is able to manage both Hall effect sensor feedback and back EMF zero-crossing
feedback.
Sensored drive
The first method uses position sensors, usually Hall sensors, to measure the rotor position.
Sensorless drive
The other method is based on the BEMF. It analyzes the zero crossing of the floating phase
BEMF signal to establish the commutation point. The match between the BEMF signal of
the floating phase, with respect to the motor neutral point (or star point), is used to generate
the commutation between two consecutive steps in order to achieve rotor synchronization.
More information about the rotor position detection techniques implemented in the STM8
motor control firmware can be found in the UM0708 user manual.
4.5
STM8S105K4 microcontroller
The STM8S105xx access line 8-bit microcontrollers offer from 16 to 32 Kbytes Flash
program memory, plus integrated true data EEPROM. They are referred to as medium-
density devices in the STM8S microcontroller family reference manual (RM0016).
All devices of the STM8S105xx access line provide the following benefits:
●
Reduced system cost
–
Integrated true data EEPROM for up to 300 k write/erase cycles
–
High system integration level with internal clock oscillators, watchdog and
brownout reset.
●
Performance and robustness
–
16 MHz CPU clock frequency
–
Robust I/O, independent watchdogs with separate clock source
–
Clock security system.
●
Short development cycles
–
Application scalability across a common family product architecture with
compatible pinout, memory map and modular peripherals
–
Full documentation and a wide choice of development tools.
●
Product longevity
–
Advanced core and peripherals made in a state-of-the-art technology
–
A family of products for applications with a 2.95 to 5.5 V operating supply.
Please refer to the STM8S105xx datasheet for an overview of the complete range of
peripherals proposed in this family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com