Electronic Components Datasheet Search
  English  ▼

X  

DC1967A Datasheet(PDF) 2 Page - Linear Technology

Part # DC1967A
Description  400mA WIRELESS SYNCHRONOUS BUCK BATTERY CHARGER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC1967A Datasheet(HTML) 2 Page - Linear Technology

  DC1967A_15 Datasheet HTML 1Page - Linear Technology DC1967A_15 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4
4
3
3
2
2
1
1
4
4
3
3
2
2
1
1
UNLESS NOTED:
RESISTORS: OHMS, 0402, 1%, 1/16W
CAPACITORS: uF, 0402, 10%, 50V
1.221V
U2.3
U3.3
DISABLE
MONITOR
1.186V
ENABLE
1.186V
CHG CURRENT
2
DEMO CIRCUIT 1967A-A/B
2
2
BAR GRAPH FOR 400mA WIRELESS SYNCHRONOUS
N/A
LTC4120 - 4.2EUD / LTC4120EUD
NC
GEORGE B.
BUCK BATTERY CHARGER
9 - 17 - 13
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APP ENG.
TECHNOLOGY
Fax: (408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITY TO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
VPROG
VBAR
D12
94%
1
2
R21
100k
C8
0.01µF
R14
432
JP5
U2E
LTC1445CDHD
R25
1k
5%
R32
1k
5%
R16
34.8k
D6
19%
1
2
R19
100k
U3D
LTC1445CDHD
13
12
149
15
3
17
R20
100k
R26
1k
5%
U2C
LTC1445CDHD
11
10
149
16
3
17
C9
0.01µF
U3B
LTC1445CDHD
7
6
149
1
3
17
R17
100k
R24
49.9k
C6
0.01µF
R23
100k
U2D
LTC1445CDHD
13
12
149
15
3
17
R18
100k
R30
1k
5%
R35
432
C7
1µF
10V
R33
22.6k
R28
1k
5%
U3E
LTC1445CDHD
D10
69%
1
2
R29
1k
5%
C10
1µF
10V
R34
787k
D8
44%
1
2
D11
81%
1
2
D9
56%
1
2
D5
6%
1
2
R13
10k
5%
D7
31%
1
2
U3C
LTC1445CDHD
11
10
149
16
3
17
R31
1k
5%
R22
100k
R27
1k
5%
U2B
LTC1445CDHD
7
6
149
1
3
17
R15
22.6k
U2A
LTC1445CDHD
5
4
149
2
3
17
U3A
LTC1445CDHD
5
4
149
2
3
17



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com