Electronic Components Datasheet Search
  English  ▼

X  

DC1967A Datasheet(PDF) 1 Page - Linear Technology

Part # DC1967A
Description  400mA WIRELESS SYNCHRONOUS BUCK BATTERY CHARGER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC1967A Datasheet(HTML) 1 Page - Linear Technology

  DC1967A Datasheet HTML 1Page - Linear Technology DC1967A Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4
4
3
3
2
2
1
1
4
4
3
3
2
2
1
1
UNLESS NOTED:
RESISTORS: OHMS, 0402, 1%, 1/16W
CAPACITORS: uF, 0402, 10%, 50V
OPT
FREQ
EXT
1.5 MHz
NTC
INT
400mA
2.7 V - 11V
750 kHz
DISCONNECTED
CONNECTED
EMBEDDED INDUCTOR
1210
R12 TO BE CONNECTED TO " BAT "
NODE AT BAT TURRET (E6)
-B
ASSY
*
-A
1.40MEG
0 Ohm
OPEN
R10
R9
1.05MEG
LTC4120 - 4.2EUD
LTC4120EUD
U1
OFF
RUN
VIN > 11V
ON
2
DEMO CIRCUIT 1967A - A / B
1
2
400mA WIRELESS SYNCHRONOUS BUCK BATTERY CHARGER
N/A
LTC4120 - 4.2EUD / LTC4120EUD
NC
GEORGE B.
9 - 17 - 13
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APP ENG.
TECHNOLOGY
Fax: (408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITY TO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
GEORGE B.
PRODUCTION FAB
2
9 - 17- 13
-
REVISION HISTORY
DESCRIPTION
DATE
APPROVED
ECO
REV
VBAR
VPROG
INTVCC
INTVCC
D1
DFLS240L
E9
GND
C5
10µF
50V
E7
nCHRG
JP4
R6
0
C3
0.01µF
0603
L1
15.0uH
R4
2.0k
5%
C2S1
4700pF
5%
50V
0805
E6
BAT
C1
10uF
16V
0805
R10
*
U1
LTC4120-4.2EUD / LTC4120EUD
16
13
1
5
12
17
9
3
6
10
7
2
4
8
15
14
11
RUN
PROG
INTVCC
GND
NTC
GND
BAT
IN
DHC
BATSNS/FB
FREQ
BOOST
SW
CHGSNS
FAULT
CHRG
NC/FBG
E10
5V - 40V
VIN
E4
PROG
JP3
R9
*
E2
GND
E8
nFAULT
R5
3.01k
R2
412k
R11
100k
5%
D2
DFLS240L
E3
NTC
R1
1.40MEG
C2S2
0.022µF
5%
50V
0805
E5
GND
R7
10k
R12
100k
5%
C2
47uF
16V
1210
D3
DFLS240L
C4
2.2µF
6.3V
E1
Cx
C2P2
1800pF
5%
50V
0603
R3
10k
R8
0
JP2
C2P1
4700pF
5%
50V
0805
J1
DF3-3P-2DSA
1
2
3
BAT
GND
ENTC
Embedded
Inductor
43T
Lr
47µH
JP1
39V
D4
DFLZ39


Similar Part No. - DC1967A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC19678-138 ITT-DC19678-138 Datasheet
9Mb / 301P
D Subminiature Connectors
DC19678-162 ITT-DC19678-162 Datasheet
9Mb / 301P
D Subminiature Connectors
DC19678-173 ITT-DC19678-173 Datasheet
9Mb / 301P
D Subminiature Connectors
DC19678-214 ITT-DC19678-214 Datasheet
2Mb / 28P
Defining and Champooning Innivation
DC19678-214 ITT-DC19678-214 Datasheet
2Mb / 28P
D Subminiature Accessories
More results

Similar Description - DC1967A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4120 LINER-LTC4120_15 Datasheet
786Kb / 32P
Wireless Power Receiver and 400mA Buck Battery Charger
LTC4120-4.2 LINER-LTC4120-4.2_15 Datasheet
786Kb / 32P
Wireless Power Receiver and 400mA Buck Battery Charger
LTC4121 LINER-LTC4121_15 Datasheet
350Kb / 30P
40V 400mA Synchronous Step-Down Battery Charger
LTC4121-4.2 LINER-LTC4121-4.2_15 Datasheet
350Kb / 30P
40V 400mA Synchronous Step-Down Battery Charger
LTC4120EUD LINER-LTC4120EUD Datasheet
1Mb / 14P
Wireless Power Receiver and 400mA Buck Battery Charger
LTC4120EUD-4.2 LINER-LTC4120EUD-4.2 Datasheet
960Kb / 12P
Wireless Power Receiver and 400mA Buck Battery Charger
LTC4121EUD LINER-LTC4121EUD Datasheet
1Mb / 8P
400mA Synchronous Buck Battery Charger
LTC4120 LINER-LTC4120 Datasheet
874Kb / 32P
Wireless Power Receiver and 400mA Buck Battery Charger
LTC4121 LINER-LTC4121 Datasheet
379Kb / 30P
40V 400mA Synchronous Step-Down Battery Charger
logo
Analog Devices
LTC4120 AD-LTC4120 Datasheet
1Mb / 32P
Wireless Power Receiver and 400mA Buck Battery Charger
11/18-REV.G
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com