Electronic Components Datasheet Search
  English  ▼

X  

A200025 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # A200025
Description  RG59 Coax Cable with F-Type Connectors, 25-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

A200025 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  A200025 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved A200025 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RG59 Coax Cable with F-Type Connectors, 25-ft.
MODEL NUMBER: A200-025
Description
Tripp Lite's RG59 Coax F-Type cables are constructed of double-shielded, 23 gauge, 75ohm Coax cable, and are used in video applications such as Cable,
Satellite, and any peripherals with Coax F type threaded connections. 24K Gold plated connectors and fully molded ends ensure long life reliability and crystal
clear video .
Features
Double Shielded (Foil and Braid) RG59B/U Cable
24K Gold Plated screw type F connectors
Fully molded ends ensure long life use
Use with Cable or Satellite Receivers, VCR, DVD, Coax enabled TV
Specifications
OVERVIEW
Display Style
Cable
Cable Type
Coax
INPUT
Cable Length (ft.)
25
Cable Length (m)
7.62
PHYSICAL
Color
Black
Highlights
Double Shielded RG59 Coax
Gold Plated screw type F
connectors
Fully molded ends ensure long
life use
Package Includes
RG59 Coax cable with F-Type
Connectors - 25ft
1 / 2


Similar Part No. - A200025

ManufacturerPart #DatasheetDescription
logo
NEC
A2000 NEC-A2000 Datasheet
1Mb / 2P
The scalable enterprise server
logo
Eaton All Rights Reserv...
A2000 EATON-A2000 Datasheet
1Mb / 6P
Single Row Terminal Blocks
logo
Kingston Technology Far...
A2000 KINGSTON-A2000 Datasheet
182Kb / 2P
Uncompromising performance, amazing value
logo
Vishay Barry
A2000-10-6X BARRY-A2000-10-6X Datasheet
116Kb / 1P
BeO
01/05/11
A2000-100-2X BARRY-A2000-100-2X Datasheet
102Kb / 1P
BeO FLANGED ATTENUATOR
Rev. A
More results

Similar Description - A200025

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P500006 TRIPPLITE-P500006 Datasheet
473Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 6-ft
P500025 TRIPPLITE-P500025 Datasheet
473Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 25-ft
P500050 TRIPPLITE-P500050 Datasheet
473Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 50-ft
P502025 TRIPPLITE-P502025 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
A200006 TRIPPLITE-A200006 Datasheet
490Kb / 2P
RG59 Coax Cable with F-Type Connectors, 6-ft
A200012 TRIPPLITE-A200012 Datasheet
486Kb / 2P
RG59 Coax Cable with F-Type Connectors, 12-ft
P500-025 TRIPPLITE-P500-025 Datasheet
154Kb / 2P
VGA Coax High-Resolution Monitor Extension Cable with RGB Coax (HD15 M/F), 2048 x 1536 (1080p), 25 ft.
A200-006 TRIPPLITE-A200-006 Datasheet
159Kb / 2P
RG59 Coax Cable with F-Type Connectors, 6-ft.
A200-012 TRIPPLITE-A200-012 Datasheet
158Kb / 2P
RG59 Coax Cable with F-Type Connectors, 12-ft.
A200-025 TRIPPLITE-A200-025 Datasheet
158Kb / 2P
RG59 Coax Cable with F-Type Connectors, 25-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com